Electronic Components Datasheet Search
  English  ▼

X  

TLC32040C Datasheet(PDF) 25 Page - Texas Instruments

Part # TLC32040C
Description  ANALOG INTERFACE CIRCUITS
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC32040C Datasheet(HTML) 25 Page - Texas Instruments

Back Button TLC32040C Datasheet HTML 21Page - Texas Instruments TLC32040C Datasheet HTML 22Page - Texas Instruments TLC32040C Datasheet HTML 23Page - Texas Instruments TLC32040C Datasheet HTML 24Page - Texas Instruments TLC32040C Datasheet HTML 25Page - Texas Instruments TLC32040C Datasheet HTML 26Page - Texas Instruments TLC32040C Datasheet HTML 27Page - Texas Instruments TLC32040C Datasheet HTML 28Page - Texas Instruments TLC32040C Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 33 page
background image
TLC32040C, TLC32040I, TLC32041C, TLC32041I
ANALOG INTERFACE CIRCUITS
SLAS014E – SEPTEMBER 1987 – REVISED MAY 1995
25
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
tf(SCLK)
tr(SCLK)
tc(SCLK)
2 V
2 V
2 V
2 V
2 V
2 V
2 V
0.8 V
0.8 V
td(CH-FL)
td(CH-FH)
0.8 V
td(CH-FL)
td(CH-FH)
2 V
0.8 V
2 V
2 V
td(CH-DR)
tsu(DX)
th(DX)
td(CH-EL)
td(CH-EH)
Don’t Care
SHIFT CLK
FSR, FSX
DR
DX
EODR, EODX
0.8 V
2 V
D8
D9
D13
D14
D15
D9
D13
D14
D15
D8
D7
D6
D2
D1
D0
D7
D6
D2
D1
D0
SHIFT CLK
FSX, FSR
DR
DX
EODR, EODX
2 V
2 V
0.8 V
td(CH-FL)
td(CH-FH)
0.8 V
2 V
tc(SCLK)
2 V
2 V
0.8 V
0.8 V
D12
D13
D14
D1
D0
D11
D2
D12
D13
D14
D15
D11
D1
D0
D2
th(DX)
td(CH-EL)
td(CH-EH)
2 V
0.8 V
D15
tsu(DX)
Don’t Care
td(CH-DR)
MSTR CLK
SHIFT CLK
td(MH-SH)
td(MH-SL)
(a) BYTE-MODE TIMING
(b) WORD-MODE TIMING
(c) SHIFT-CLOCK TIMING
Figure 4. Serial Port Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com