Electronic Components Datasheet Search
  English  ▼

X  

TLC32040C Datasheet(PDF) 28 Page - Texas Instruments

Part # TLC32040C
Description  ANALOG INTERFACE CIRCUITS
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC32040C Datasheet(HTML) 28 Page - Texas Instruments

Back Button TLC32040C Datasheet HTML 24Page - Texas Instruments TLC32040C Datasheet HTML 25Page - Texas Instruments TLC32040C Datasheet HTML 26Page - Texas Instruments TLC32040C Datasheet HTML 27Page - Texas Instruments TLC32040C Datasheet HTML 28Page - Texas Instruments TLC32040C Datasheet HTML 29Page - Texas Instruments TLC32040C Datasheet HTML 30Page - Texas Instruments TLC32040C Datasheet HTML 31Page - Texas Instruments TLC32040C Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 33 page
background image
TLC32040C, TLC32040I, TLC32041C, TLC32041I
ANALOG INTERFACE CIRCUITS
SLAS014E – SEPTEMBER 1987 – REVISED MAY 1995
28
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
0
10
–20
–30
–40
–50
–60
–70
–80
–90
TLC32040 AND TLC32041
RECEIVE CHANNEL FILTER
Normalized Frequency – kHz
×
SCF clock frequency
288 kHz
01
2
3
45
0.1
0.05
0.05
0.1
0.15
0.3
0
0.2
0.15
0.25
0.35
Magnitude
Group Delay
See Note A
See Note B
See Note C
–10
NOTES: A. Maximum relative delay (200 Hz to 600 Hz) = 3350
µs
B. Maximum relative delay (600 Hz to 3000 Hz) =
± 50 µs
C. Absolute delay (600 Hz to 3000 Hz) = 1230
µs
D. Test conditions are VCC +, VCC –, and VDD within recommended operating conditions, SCF clock f = 288 kHz ± 2%, input = ± 3-V
sinewave, and TA = 25°C.
Figure 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com