Electronic Components Datasheet Search
  English  ▼

X  

TLC32040C Datasheet(PDF) 30 Page - Texas Instruments

Part # TLC32040C
Description  ANALOG INTERFACE CIRCUITS
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC32040C Datasheet(HTML) 30 Page - Texas Instruments

Back Button TLC32040C Datasheet HTML 25Page - Texas Instruments TLC32040C Datasheet HTML 26Page - Texas Instruments TLC32040C Datasheet HTML 27Page - Texas Instruments TLC32040C Datasheet HTML 28Page - Texas Instruments TLC32040C Datasheet HTML 29Page - Texas Instruments TLC32040C Datasheet HTML 30Page - Texas Instruments TLC32040C Datasheet HTML 31Page - Texas Instruments TLC32040C Datasheet HTML 32Page - Texas Instruments TLC32040C Datasheet HTML 33Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 30 / 33 page
background image
TLC32040C, TLC32040I, TLC32041C, TLC32041I
ANALOG INTERFACE CIRCUITS
SLAS014E – SEPTEMBER 1987 – REVISED MAY 1995
30
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 12
–40
ATTENUATION OF SECOND HARMONIC OF A/D INPUT
vs
INPUT SIGNAL
Input Signal Relative to Vref – dB
50
40
20
10
0
90
30
010
70
60
80
100
1-kHz Input Signal
8-kHz Conversion Rate
–50
– 30
–20
– 10
Figure 13
ATTENUATION OF THIRD HARMONIC OF A/D INPUT
vs
INPUT SIGNAL
Input Signal Relative to Vref – dB
1-kHz Input Signal
8-kHz Conversion Rate
50
40
20
10
90
30
010
70
60
80
100
0
–40
–50
– 30
–20
– 10
Figure 14
50
40
20
10
90
30
70
60
80
100
0
ATTENUATION OF SECOND HARMONIC OF D/A INPUT
vs
INPUT SIGNAL
Input Signal Relative to Vref – dB
1-kHz Input Signal into 600
Ω
8-kHz Conversion Rate
010
–40
–50
– 30
–20
– 10
Figure 15
50
40
20
10
90
30
010
70
60
80
100
0
ATTENUATION OF THIRD HARMONIC OF D/A INPUT
vs
INPUT SIGNAL
Input Signal Relative to Vref – dB
1-kHz Input Signal into 600
Ω
8-kHz Conversion Rate
–40
–50
– 30
–20
– 10
NOTE: Test conditions are VCC +, VCC –, and VDD within recommended operating conditions set clock f = 288 kHz ± 2%, and TA = 25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com