| Electronic Components Datasheet Search |
|
TLC32040C Datasheet(PDF) 14 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TLC32040C Datasheet(HTML) 14 Page - Texas Instruments |
|
14 / 33 page ![]() TLC32040C, TLC32040I, TLC32041C, TLC32041I ANALOG INTERFACE CIRCUITS SLAS014E – SEPTEMBER 1987 – REVISED MAY 1995 14 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 improper operation due to conversion times being too close together If the difference between two successive D/A conversion frame syncs is less than 1/19.2 kHz, the AIC operates improperly. In this situation, the second D/A conversion frame sync occurs too quickly and there is not enough time for the ongoing conversion to be completed. This situation can occur if the A and B registers are improperly programmed or if the A + A’ register or A – A’ register result is too small. When incrementally adjusting the conversion period via the A + A’ register options, the designer should be very careful not to violate this requirement (see following diagram). Frame Sync FSX or FSR t1 t2 Ongoing Conversion t2 – t1 1/19.2 kHz asynchronous operation — more than one receive frame sync occurring between two transmit frame syncs When incrementally adjusting the conversion period via the A + A’ or A – A’ register options, a specific protocol is followed. The command to use the incremental conversion period adjust option is sent to the AIC during a FSX frame sync. The ongoing conversion period is then adjusted. However, either receive conversion period A or B may be adjusted. For both transmit and receive conversion periods, the incremental conversion period adjustment is performed near the end of the conversion period. Therefore, if there is sufficient time between t1 and t2, the receive conversion period adjustment is performed during receive conversion period A. Otherwise, the adjustment is performed during receive conversion period B. The adjustment command only adjusts one transmit conversion period and one receive conversion period. To adjust another pair of transmit and receive conversion periods, another command must be issued during a subsequent FSX frame (see figure below). t1 t2 Transmit Conversion Period Receive Conversion Period A Receive Conversion Period B FSX FSR |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |