Electronic Components Datasheet Search
  English  ▼

X  

TLC32040C Datasheet(PDF) 18 Page - Texas Instruments

Part # TLC32040C
Description  ANALOG INTERFACE CIRCUITS
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC32040C Datasheet(HTML) 18 Page - Texas Instruments

Back Button TLC32040C Datasheet HTML 14Page - Texas Instruments TLC32040C Datasheet HTML 15Page - Texas Instruments TLC32040C Datasheet HTML 16Page - Texas Instruments TLC32040C Datasheet HTML 17Page - Texas Instruments TLC32040C Datasheet HTML 18Page - Texas Instruments TLC32040C Datasheet HTML 19Page - Texas Instruments TLC32040C Datasheet HTML 20Page - Texas Instruments TLC32040C Datasheet HTML 21Page - Texas Instruments TLC32040C Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 33 page
background image
TLC32040C, TLC32040I, TLC32041C, TLC32041I
ANALOG INTERFACE CIRCUITS
SLAS014E – SEPTEMBER 1987 – REVISED MAY 1995
18
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
correction results
Table 4 below shows the optimum p values and the corresponding correction results for 8000-Hz and 9600-Hz
sampling rates.
Table 4. Correction Results
f (Hz)
ERROR (dB)
fs = 8000 Hz
ERROR (dB)
fs = 9600 Hz
f (Hz)
s
p1 = – 0.14813
p2 = 0.9888
s
p1 = – 0.1307
p2 = 0.9951
300
– 0.099
– 0.043
600
– 0.089
– 0.043
900
– 0.054
0
1200
– 0.002
0
1500
0.041
0
1800
0.079
0.043
2100
0.100
0.043
2400
0.091
0.043
2700
– 0.043
0
3000
– 0.102
– 0.043
TMS320 software requirements
The digital correction filter equation can be written in state variable form as follows:
Y = k1
× Y + k2 × U
where
k1 = p1
k2 = (1 – p1)
× p2
Y = filter state
U = next I/O sample
The coefficients k1 and k2 must be represented as 16-bit integers. The SACH instruction (with the proper shift)
will yield the correct result. With the assumption that the TMS320 processor page pointer and memory
configuration are properly initialized, the equation can be executed in seven instructions or seven cycles with
the following program:
ZAC
LT K2
MPY U
LTA K1
MPY Y
APAC
SACH (dma), (shift)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com