Electronic Components Datasheet Search
  English  ▼

X  

TLC32040C Datasheet(PDF) 8 Page - Texas Instruments

Part # TLC32040C
Description  ANALOG INTERFACE CIRCUITS
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC32040C Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLC32040C Datasheet HTML 4Page - Texas Instruments TLC32040C Datasheet HTML 5Page - Texas Instruments TLC32040C Datasheet HTML 6Page - Texas Instruments TLC32040C Datasheet HTML 7Page - Texas Instruments TLC32040C Datasheet HTML 8Page - Texas Instruments TLC32040C Datasheet HTML 9Page - Texas Instruments TLC32040C Datasheet HTML 10Page - Texas Instruments TLC32040C Datasheet HTML 11Page - Texas Instruments TLC32040C Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
TLC32040C, TLC32040I, TLC32041C, TLC32041I
ANALOG INTERFACE CIRCUITS
SLAS014E – SEPTEMBER 1987 – REVISED MAY 1995
8
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
reset
A reset function is provided to initiate serial communications between the AIC and DSP and allow fast,
cost-effective testing during manufacturing. The reset function initializes all AIC registers, including the control
register. After a negative-going pulse on RESET, the AIC is initialized. This initialization allows normal serial port
communications activity to occur between AIC and DSP (see AIC DX data word format section).
loopback
This feature allows the user to test the circuit remotely. In loopback, OUT + and OUT – are internally connected
to IN + and IN –. Thus, the DAC bits (d15 to d2), which are transmitted to DX, can be compared with the ADC
bits (d15 to d2), which are received from DR. An ideal comparison would be that the bits on DR equal the bits
on DX. However, in practice there is some difference in these bits due to the ADC and DAC output offsets.
In loopback, if IN + and N – are enabled, the external signals on IN + and IN – are ignored. If AUX IN + and AUX
IN – are enabled, the external signals on these terminals are added to the OUT + and OUT – signals in loopback
operation.
The loopback feature is implemented with digital signal processor control by transmitting the appropriate serial
port bit to the control register (see AIC DX data word format section).
explanation of internal timing configuration
All of the internal timing of the AIC is derived from the high-frequency clock signal that drives the master clock
input. The shift clock signal, which strobes the serial port data between the AIC and DSP, is derived by dividing
the master clock input signal frequency by four.
SCF Clock Frequency
+
Master Clock Frequency
2
Contents of Counter A
Conversion Frequency
+
SCF Clock Frequency
Contents of Counter B
Shift Clock Frequency
+
Master Clock Frequency
4
TX counter A and TX counter B, which are driven by the master clock signal, determine the D/A conversion
timing. Similarly, RX counter A and RX counter B determine the A/D conversion timing. In order for the
switched-capacitor low-pass and band pass filters to meet their transfer function specifications, the frequency
of the clock inputs of the switched-capacitor filters must be 288 kHz. If the frequencies of the clock inputs are
not 288 kHz, the filter transfer function frequencies are scaled by the ratios of the clock frequencies to 288 kHz.
Thus, to obtain the specified filter responses, the combination of master clock frequency and TX counter A and
RX counter A values must yield 288-kHz switched-capacitor clock signals. These 288-kHz clock signals can
then be divided by the TX counter B and RX counter B to establish the D/A and A/D conversion timings.
TX counter A and TX counter B are reloaded every D/A conversion period, while RX counter A and RX counter
B are reloaded every A/D conversion period. The TX counter B and RX counter B are loaded with the values
in the TB and RB registers, respectively. Via software control, the TX counter A can be loaded with either the
TA register, the TA register less the TA’ register, or the TA register plus the TA’ register. By selecting the TA
register less the TA’ register option, the upcoming conversion timing will occur earlier by an amount of time that
equals TA’ times the signal period of the master clock. By selecting the TA register plus the TA’ register option,
the upcoming conversion timing will occur later by an amount of time that equals TA’ times the signal period of
the master clock. Thus, the D/A conversion timing can be advanced or retarded. An identical ability to alter the
A/D conversion timing is provided. In this case, however, the RX counter A can be programmed via software
control with the RA register, the RA register less the RA’ register, or the RA register plus the RA’ register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com