Electronic Components Datasheet Search
  English  ▼

X  

IPS2200 Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # IPS2200
Description  Inductive Position Sensor IC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

IPS2200 Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button IPS2200 Datasheet HTML 27Page - Renesas Technology Corp IPS2200 Datasheet HTML 28Page - Renesas Technology Corp IPS2200 Datasheet HTML 29Page - Renesas Technology Corp IPS2200 Datasheet HTML 30Page - Renesas Technology Corp IPS2200 Datasheet HTML 31Page - Renesas Technology Corp IPS2200 Datasheet HTML 32Page - Renesas Technology Corp IPS2200 Datasheet HTML 33Page - Renesas Technology Corp IPS2200 Datasheet HTML 34Page - Renesas Technology Corp IPS2200 Datasheet HTML 35Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 32 / 35 page
background image
IPS2200 Datasheet
Jan.19.21
Page 32
21. Ordering Information
Orderable Part Number
Description and Package
MSL Rating
Carrier Type
Temperature
IPS2200BI1W
16-TSSOP, 4.4
5.0 mm
1
7” Reel, 500 parts / reel
-40° to +125°C
IPS2200BI1R
16-TSSOP, 4.4
5.0 mm
1
13” Reel, 4000 parts / reel
-40° to +125°C
Note: For communication and programming, the IPS2200 Application Modules listed below require an IPS-COMBOARD, which is
available separately.
IPS2200STKIT
IPS2200 Starter Kit including USB communication board, application module and connection cables
22. Revision History
Revision
Date
Description
1.3
Jan.18.21
SPI interface description updated
1.2
Jul.15.20
Pin naming aligned with other position sensor products
1.1
Jul.1.20
Formulas added for calculating the LC oscillator frequency.
1.0
Apr.15.20
Official release for product launch
 3.3V and 5V supply voltage operation changed.
 Circuit and block descriptions updated.
 Values updated for absolute maximum ratings, operating conditions, and electrical
characteristics.
 Updated formatting.
 Section 9 (Output Modes) is added.
0.1
Feb.16.19
Preliminary release.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com