Electronic Components Datasheet Search
  English  ▼

X  

IPS2200 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # IPS2200
Description  Inductive Position Sensor IC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

IPS2200 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button IPS2200 Datasheet HTML 3Page - Renesas Technology Corp IPS2200 Datasheet HTML 4Page - Renesas Technology Corp IPS2200 Datasheet HTML 5Page - Renesas Technology Corp IPS2200 Datasheet HTML 6Page - Renesas Technology Corp IPS2200 Datasheet HTML 7Page - Renesas Technology Corp IPS2200 Datasheet HTML 8Page - Renesas Technology Corp IPS2200 Datasheet HTML 9Page - Renesas Technology Corp IPS2200 Datasheet HTML 10Page - Renesas Technology Corp IPS2200 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
IPS2200 Datasheet
Jan.19.21
Page 7
3.
Absolute Maximum Ratings
The absolute maximum ratings are stress ratings only. Stresses greater than those listed below can cause
permanent damage to the device. Functional operation of the IPS2200 at the absolute maximum ratings is not
implied. Exposure to absolute maximum rating conditions could affect device reliability.
Table 4. Absolute Maximum Ratings
Symbol
Parameter
Conditions
Minimum
Maximum
Units
VVDDmax
External supply voltage
Continuous
-18
7.5
V
VOUT
OUT1, OUT2, OUT3, and OUT4 output
voltage
IC not supplied, permanent
-18
7.5
V
IC supplied, permanent
-15
18
V
VRX1
Receiver coil pin: RX1
-12
12
V
VRX2
Receiver coil pin: RX2
VRX3
Receiver coil pin: RX3
VRX4
Receiver coil pin: RX4
VDIGITAL
Digital IO pins: SCK_SCL, SIO_SDA,
CSN_IRQN
-0.3
18
V
VCSN_IRQN
Digital IO pin CSN_IRQN
When used as input for I2C
address selection and tied to VDD
directly or with pull-up resistor.
Refer to VVDDmax
V
VVDDAmax
VDDA internal LDO output
VDDA is internally regulated, no
connection to external voltage
Refer to VVDDA in Table
5
V
4.
Operating Conditions
Conditions: VDD = 5V ±10%, TAMB = -40°C to +125°C, unless otherwise noted.
Table 5. Operating Conditions
Note: See important notes at the end of the table.
Symbol
Parameter
Conditions
Minimum
Typical
Maximum
Units
TAMB_TSSOP
Ambient temperature: 16-TSSOP
-40
125
ºC
TJ
Junction temperature
-40
145
ºC
TSTOR
Storage temperature
Unmounted units must be
limited to 10 hours at
temperatures above 125°C
-55
150
ºC
RTHJA_TSSOP
Thermal resistance junction to
ambient: 16-TSSOP package
JEDEC MO-153
89
ºC/W
tpup
Start-up time
Power-on reset (POR) to valid
output signal
3
ms
VEL
Input rotational velocity
Electrical speed
Sine or cosine periods per
minute
250 000
rpm
VVDDA_TH_H
Power on reset, high threshold
The device is activated when
VDDA increases above this
threshold
2.6
V
VVDDA_TH_L:
Power on reset, low threshold
The device is deactivated when
VDDA decreases below this
threshold
2.1
V
VDDAPOR_HYST
Power-on reset hysteresis
At VDDA pin
50
mV
IVDDA
VDDA load current limitation
75
mA
IDD
Current consumption
Without coils. no load
8.4
12
mA
Programmable transmitter coil
drive current (depending on
inductance of transmitter coil)
For values, refer to Table 8
mA
CVA
Capacitor from VDDA pin to GND
100
nF
CVD
Capacitor from VDD pin to GND
70
nF
INLUV3V
Accuracy, 3.3V mode, VDD=
under-voltage alarm level to 3.0V
With ideal coil input signals,
relative to an output signal of
1.8Vpp
±0.3
% FS [a]
INL3V
Accuracy, 3.3V mode,
VDD= 3.0 to 3.6V
±0.2
% FS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com