Electronic Components Datasheet Search
  English  ▼

X  

IPS2200 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # IPS2200
Description  Inductive Position Sensor IC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

IPS2200 Datasheet(HTML) 5 Page - Renesas Technology Corp

  IPS2200 Datasheet HTML 1Page - Renesas Technology Corp IPS2200 Datasheet HTML 2Page - Renesas Technology Corp IPS2200 Datasheet HTML 3Page - Renesas Technology Corp IPS2200 Datasheet HTML 4Page - Renesas Technology Corp IPS2200 Datasheet HTML 5Page - Renesas Technology Corp IPS2200 Datasheet HTML 6Page - Renesas Technology Corp IPS2200 Datasheet HTML 7Page - Renesas Technology Corp IPS2200 Datasheet HTML 8Page - Renesas Technology Corp IPS2200 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
IPS2200 Datasheet
Jan.19.21
Page 5
1.
Pin Assignments
The IPS2200 is available in a 16-TSSOP 4.4
 5.0 mm RoHS package. It is qualified for an ambient temperature
of -40°C to +125°C.
1
2
16
15
14
13
12
11
10
3
4
5
6
7
SIO_SDA
SCK_SCL
OUT4
OUT3
OUT2
OUT1
VDD
CSN_IRQN
RX1
RX2
RX3
RX4
TX1
TX2
9
8
GND
VDDA
Figure 1. Pin Assignments for 4.4mm
 5.0mm 16-TSSOP Package – Top View
2.
Pin Descriptions
Table 1. Pin Descriptions
Pin Number
Name
Type
Description
1
CSN_IRQN
Digital
Input/Output
Chip select input for the SPI interface; external pull-up resistor required.
Push/pull interrupt output for I2C or SPI interface.
Programmable options, see Table 3.
2
RX1
Analog Input
Connect the receiver coil 1 (sine) between the RX2 and RX1 pins.
3
RX2
4
RX3
Analog Input
Connect the receiver coil 2 (cosine) between the RX4 and RX3 pins.
5
RX4
6
TX1
Analog
Input/Output
Connect the transmitter coil between the TX1 and TX2 pins. The resonant frequency
is adjusted with a parallel capacitor CT between TX1 and TX2 or with capacitors CT1
from TX2 to GND and CT2 from TX1 to GND.
7
TX2
8
VDDA
Supply
Internal analog voltage supply. Connect a capacitor CVA to the GND pin.
9
GND
Supply
Common ground connection.
10
VDD
Supply
External supply voltage. Connect two parallel capacitors CVD to the GND pin.
11
OUT1
Analog
Output, Digital
Output
Buffered analog or digital output; see Table 2.
12
OUT2
Analog
Output, Digital
Output
Buffered analog or digital output; see Table 2.
13
OUT3
Analog
Output, Digital
Output
Buffered analog or digital output; see Table 2.
14
OUT4
Analog
Output, Digital
Output
Buffered analog or digital output; see Table 2.
15
SCK_SCL
Digital Input
Clock input for digital programming and diagnostic interfaces:
 I2C interface: SCL clock input; external pull-up resistor mandatory,
see Figure 18, Figure 19, and Figure 20.
 SPI interface: SCK clock input; external pull-up resistor is optional,
see Figure 16 and Figure 17.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com