Electronic Components Datasheet Search
  English  ▼

X  

IPS2200 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # IPS2200
Description  Inductive Position Sensor IC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

IPS2200 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button IPS2200 Datasheet HTML 6Page - Renesas Technology Corp IPS2200 Datasheet HTML 7Page - Renesas Technology Corp IPS2200 Datasheet HTML 8Page - Renesas Technology Corp IPS2200 Datasheet HTML 9Page - Renesas Technology Corp IPS2200 Datasheet HTML 10Page - Renesas Technology Corp IPS2200 Datasheet HTML 11Page - Renesas Technology Corp IPS2200 Datasheet HTML 12Page - Renesas Technology Corp IPS2200 Datasheet HTML 13Page - Renesas Technology Corp IPS2200 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
IPS2200 Datasheet
Jan.19.21
Page 10
Table 8. LC Oscillator Specifications
Symbol
Parameter
Conditions
Minimum
Typical
Maximum
Units
RP,eq
Equivalent parallel
resistance of the LC
resonant circuit
See Equation 1 and Equation 2.
100
Ω
fLC
Excitation frequency
LC oscillator; determined by external
components L and C.
1.7
5.8
MHz
FOSC_ACC
Accuracy of transmitter
oscillator frequency
measurement
Gated by the internal oscillator.
-10
10
%
fLC_DIAG_L
LC oscillator lower
frequency diagnostics
range
Programmable frequency where an
out-of-range frequency diagnostics
alarm can be enabled.
0.007
MHz
fLC_DIAG_H
LC oscillator upper
frequency diagnostics
range
10
VTX_P
LC oscillator amplitude
Peak-to-peak voltage; pins TX1 vs.
TX2; all modes. The coil current is
user programmable.
11
Vpp
ILC
Programmable transmitter
coil drive current
Equivalent DC current.
Programmable, depending on
transmitter coil inductance.
0
3
20
mA
ILCmax
Maximum transmitter coil
drive current tolerance
At room temperature
18
20
22
mA
CSN_IRQN
TX1
TX2
VDD
SCK_SCL
SIO_SDA
16
15
GND
9
1
6
10
CVD
VDDA
8
CVA
L
7
CT
RX1
RX2
2
3
Rx
(sin)
RX3
RX4
4
5
Rx
(cos)
SIN
14
SINN
13
COS
12
COSN
11
3.3V / 5V
Configuration with a single capacitor CT in the LC
oscillator.
The oscillator frequency is determined by the values of
coil L and capacitor CT:
������������ =
1
2����√������������
Where:
fTX = Oscillator frequency in MHz
L = Coil impedance in µHenry
CT = Capacitance in µFarad
Figure 2. LC Oscillator Connection with a Single Capacitor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com