Electronic Components Datasheet Search
  English  ▼

X  

IPS2200 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # IPS2200
Description  Inductive Position Sensor IC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

IPS2200 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button IPS2200 Datasheet HTML 5Page - Renesas Technology Corp IPS2200 Datasheet HTML 6Page - Renesas Technology Corp IPS2200 Datasheet HTML 7Page - Renesas Technology Corp IPS2200 Datasheet HTML 8Page - Renesas Technology Corp IPS2200 Datasheet HTML 9Page - Renesas Technology Corp IPS2200 Datasheet HTML 10Page - Renesas Technology Corp IPS2200 Datasheet HTML 11Page - Renesas Technology Corp IPS2200 Datasheet HTML 12Page - Renesas Technology Corp IPS2200 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
IPS2200 Datasheet
Jan.19.21
Page 9
6.
Electrical Characteristics
The following electrical specifications are valid for the operating conditions as specified in Table 5: (TAMB = -40°C
to 125°C).
Table 6. IPS2200 Electrical Characteristics, 3.3V Mode
Symbol
Parameter
Conditions
Minimum
Typical
Maximum
Units
VDD3
Supply voltage
3.0[a]
3.3
3.6[b]
V
VDDA3
Analog supply voltage
Internally regulated. Connect a
CVA = 100nF capacitor from VDDA to
GND.
2.85
3.0
3.1
V
V3OVR
Over-voltage detection,
VDD rising
An over-voltage alarm is created if
VDD rises above these limits.
3.8
4.3
V
V3OVF
Over-voltage detection,
VDD falling
An over-voltage alarm is cleared if
VDD falls below these limits.
3.5[c]
4.1
V
V3OVH
Over-voltage detection
hysteresis
150
mV
V3UVR
Under-voltage detection,
VDD falling
An under-voltage alarm is created if
VDD falls below these limits.
2.2
2.95
V
V3UVF
Under-voltage detection,
VDD rising
An under-voltage alarm is cleared if
VDD rises above these limits.
2.6
3.1[d]
V
V3UVH
Under-voltage detection
hysteresis
100
mV
V3VDDAUVF
VDDA under-voltage
detection
An under-voltage alarm is created if
VDDA falls below these limits.
2.6
2.85
V
V3VDDAUVRr
VDDA under-voltage
detection
An under-voltage alarm is created if
VDDA rises above these limits.
2.7
2.9
V
[a]
If the VDD under-voltage alarm is enabled, the VDD3 must be at least 3.1V.
[b]
If the VDD over-voltage alarm is enabled, the VDD3 must be maximum 3.5V.
[c]
If the VDD over-voltage alarm is enabled, the VDD3 must be maximum 3.5V.
[d]
If the VDD under-voltage alarm is enabled, the VDD3 must be at least 3.1V.
Table 7. IPS2200 Electrical Characteristics, 5.0V Mode
Symbol
Parameter
Conditions
Minimum
Typical
Maximum
Units
VDD5
Supply voltage
4.5[a]
5.0
5.5
V
VDDA5
Analog supply voltage
Internally regulated. Connect a
CVA = 100nF capacitor from VDDA to
GND.
3.9
4.0
4.1
V
V5OVR
Over-voltage detection,
VDD rising
An over-voltage alarm is created if
VDD rises above these limits.
6.2
6.9
V
V5OVF
Over-voltage detection,
VDD falling
An over-voltage alarm is cleared if
VDD falls below these limits.
5.9
6.6
V
V5OVH
Over-voltage detection
hysteresis
150
mV
V5UVR
Under-voltage detection,
VDD falling
An under-voltage alarm is created if
VDD falls below these limits.
3.8
4.4
V
V5UVF
Under-voltage detection,
VDD rising
An under-voltage alarm is cleared if
VDD rises above these limits.
4.0
4.6[b]
V
V5UVH
Under-voltage detection
hysteresis
100
mV
V5VDDAUVF
VDDA under-voltage
detection
A VDDA under-voltage alarm is
triggered when VDDA falls below
these limits.
3.45
3.9
V
V5VDDAUVRr
VDDA under-voltage
detection
A VDDA under-voltage alarm is
cleared if VDDA rises above these
limits.
3.5
3.9
V
[a]
If the VDD under-voltage alarm is enabled, the VDD5 must be at least 4.6V.
[b]
If the VDD under-voltage alarm is enabled, the VDD5 must be at least 4.6V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com