Electronic Components Datasheet Search
  English  ▼

X  

IPS2200 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # IPS2200
Description  Inductive Position Sensor IC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

IPS2200 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button IPS2200 Datasheet HTML 7Page - Renesas Technology Corp IPS2200 Datasheet HTML 8Page - Renesas Technology Corp IPS2200 Datasheet HTML 9Page - Renesas Technology Corp IPS2200 Datasheet HTML 10Page - Renesas Technology Corp IPS2200 Datasheet HTML 11Page - Renesas Technology Corp IPS2200 Datasheet HTML 12Page - Renesas Technology Corp IPS2200 Datasheet HTML 13Page - Renesas Technology Corp IPS2200 Datasheet HTML 14Page - Renesas Technology Corp IPS2200 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
IPS2200 Datasheet
Jan.19.21
Page 11
CSN_IRQN
TX1
TX2
VDD
SCK_SCL
SIO_SDA
16
15
GND
9
1
10
CVD
VDDA
8
CVA
RX1
RX2
2
3
Rx
(sin)
RX3
RX4
4
5
Rx
(cos)
SIN
14
SINN
13
COS
12
COSN
11
3.3V / 5V
6
L
7
CT2
CT1
Configuration with split capacitors CT1 and CT2 for
improved EMC performance. Both capacitors must
have the same capacitance.
The oscillator frequency is determined by the values of
coil L and capacitors CT1 and CT2:
������������ =
1
2����√
����∗��������1∗��������2
��������1+��������2
 for CT1 = CT2 :
������������ =
1
2����√����
��������1
2
Where:
fTX = Oscillator frequency in MHz
L = Coil impedance in µHenry
CT1, CT2 = Capacitance in µFarad
Figure 3. LC Oscillator Connection with Split TX Capacitors
The equivalent parallel resistance RPeq of the LC oscillator can be calculated using Equation 2:
RPeq =
1
RS
×
L
C
Equation 1
RS =
1
RPeq
×
L
C
Where
RPeq Equivalent parallel resistance of the LC oscillator.
RS
Serial resistance of the transmitter coil at the transmitter frequency.
L
Coil reactance at the resonant frequency.
C
Capacitance of the parallel capacitor CT.
Note that the capacitor losses are not included in the equation.
Equation 2
RS
L
C
V
RPeq
L
C
V
Figure 4. Parallel Resonator Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com