Electronic Components Datasheet Search
  English  ▼

X  

IPS2200 Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # IPS2200
Description  Inductive Position Sensor IC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

IPS2200 Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button IPS2200 Datasheet HTML 16Page - Renesas Technology Corp IPS2200 Datasheet HTML 17Page - Renesas Technology Corp IPS2200 Datasheet HTML 18Page - Renesas Technology Corp IPS2200 Datasheet HTML 19Page - Renesas Technology Corp IPS2200 Datasheet HTML 20Page - Renesas Technology Corp IPS2200 Datasheet HTML 21Page - Renesas Technology Corp IPS2200 Datasheet HTML 22Page - Renesas Technology Corp IPS2200 Datasheet HTML 23Page - Renesas Technology Corp IPS2200 Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 35 page
background image
IPS2200 Datasheet
Jan.19.21
Page 20
10. Operating at High Speed
The IPS2200 uses analog signal processing, so it can handle inputs signals at very high speed. The input signal
can have a frequency of up to 4.16kHz, which is equivalent to 250000 RPM (electrical phases per minute). Even
higher frequencies and therefore higher speeds are possible, but with reduced performance and signal
amplitude.
The mechanical rotor speed can be calculated with Equation 10:
rpm(mech)⁡=⁡
rpm (el)
coil periods
Equation 10
Where
rpm (mech) Rotation speed of the rotor (and target) in revolutions per minute.
rpm (el)
Maximum electrical input frequency of the sensor in rpm (electrical)
= 250000 electrical periods per minute (rpm)
= 4166 electrical periods per second = 4.166kHz
coil periods Number of electrical periods per turn
= number of coil periods per 360° circle
= number of metal target segments
Figure 23 shows a design for a 6 pole motor (having 3 pole pairs) using a 3-periodic coil design.
The maximum mechanical rotation speed of this motor is calculated according to Equation 11.
250000 rpm
3
⁡=⁡83333 rpm
Equation 11
Table 18. Output Modes and Maximum Speed
SIN/COS Output Mode
AB Output Mode
Maximum Rotor Speed
Target Design
(metal/no metal)
Sine, Cosine Cycles
per Revolution
Quadrature Pulses per
Revolution
Quadrature Counts
per Revolution
Mechanical
Speed
1
 (180° / 180°)
1
 360°
1
4
250000 rpm
2
 (90° / 90°)
2
 180°
2
8
125000 rpm
3
 (60° / 60°)
3
 120°
3
12
83333 rpm
4
 (45° / 45°)
4
 90°
4
16
62500 rpm
6
 (30° / 30°)
6
 60°
6
24
41666 rpm
8
 (22.5° / 22.5°)
8
 45°
8
32
31250 rpm
10
 (18° / 18°)
10
 36°
10
40
25000 rpm
…
1 cycle per target
1 pulse per target
4
 counts per target
250000 RPM / targets per wheel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com