Electronic Components Datasheet Search
  English  ▼

X  

IPS2200 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # IPS2200
Description  Inductive Position Sensor IC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

IPS2200 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button IPS2200 Datasheet HTML 2Page - Renesas Technology Corp IPS2200 Datasheet HTML 3Page - Renesas Technology Corp IPS2200 Datasheet HTML 4Page - Renesas Technology Corp IPS2200 Datasheet HTML 5Page - Renesas Technology Corp IPS2200 Datasheet HTML 6Page - Renesas Technology Corp IPS2200 Datasheet HTML 7Page - Renesas Technology Corp IPS2200 Datasheet HTML 8Page - Renesas Technology Corp IPS2200 Datasheet HTML 9Page - Renesas Technology Corp IPS2200 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
IPS2200 Datasheet
Jan.19.21
Page 6
Pin Number
Name
Type
Description
16
SIO_SDA
Digital
Input/Output
Bi-directional data I/O line for digital programming and diagnostic interfaces:
 I2C interface: SDA open drain data line; external pull-up resistor is mandatory,
see Figure 18, Figure 19, and Figure 20.
 SPI interface: SIO bi-directional push-pull data line; external pull-up resistor is
optional,
see Figure 16 and Figure 17.
Table 2. Buffered Output Configuration
Pin (See Figure 1)
Output Depending on Mode [a]
Diagnostic State
Pin Number
Pin Name
Analog Differential
Analog Single-Ended
Digital AB Incremental
All Modes, if enabled
14
OUT4
SIN
SIN
A
LOW
13
OUT3
SINN
REF_SIN
A_N
LOW
12
OUT2
COS
COS
B
HIGH
11
OUT1
COSN
REF_COS
B_N
HIGH
[a]
Abbreviations used in Table 2:
SIN:
Demodulated and buffered output of RX1 (sine, non-inverted)
SINN:
Demodulated and buffered output of RX2 (sine, inverted)
COS:
Demodulated and buffered output of RX3 (cosine, non-inverted)
COSN:
Demodulated and buffered output of RX4 (cosine, inverted)
REF_SIN:
Bias voltage of sine signal, typical VDD/2
REF_COS: Bias voltage of cosine signal, typical VDD/2
A:
Sign output of RX1 (A, non-inverted): HIGH if positive, LOW if negative
A_N:
Sign output of RX2 (A, inverted): HIGH if positive, LOW if negative
B:
Sign output of RX3 (B, non-inverted): HIGH if positive, LOW if negative
B_N:
Sign output of RX4 (B, inverted): HIGH if positive, LOW if negative
Diagnostic state: Alarm status indication if an enabled alarm occurs
Table 3. Digital Interface and Interrupt Output Configuration
Pin (See Figure 1)
Input/Output Depending on Interface Mode [a]
TSSOP
Pin Number
Pin Name
Half Duplex SPI
Half Duplex SPI
with Interrupt
I2C with Address
Select
I2C with Interrupt
16
SIO_SDA
SIO
SIO
SDA (PU)
SDA (PU)
15
SCK_SCL
SCK
SCK
SCL (PU)
SCL (PU)
1
CSN_IRQN
CSN (PU)
CSN/IRQN (PU)
SEL
IRQN
[a]
Abbreviations used in Table 3:
CSN:
Chip-Select Input
CSN/IRQN: Combined Chip-Select Input and Interrupt Output
SIO:
Serial Bi-directional Data I/O Port for SPI Modes
SCK:
Serial Clock Input for SPI Modes
SEL:
Hardware Address-Select Input for I2C Mode (two address options)
SDA:
Serial Bi-directional Data I/O Port for I2C Modes`
SCL:
Serial Clock Input for I2C Modes
IRQN:
Interrupt Output
PU:
External Pull-up resistor required



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com