Electronic Components Datasheet Search
  English  ▼

X  

IPS2200 Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # IPS2200
Description  Inductive Position Sensor IC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

IPS2200 Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button IPS2200 Datasheet HTML 18Page - Renesas Technology Corp IPS2200 Datasheet HTML 19Page - Renesas Technology Corp IPS2200 Datasheet HTML 20Page - Renesas Technology Corp IPS2200 Datasheet HTML 21Page - Renesas Technology Corp IPS2200 Datasheet HTML 22Page - Renesas Technology Corp IPS2200 Datasheet HTML 23Page - Renesas Technology Corp IPS2200 Datasheet HTML 24Page - Renesas Technology Corp IPS2200 Datasheet HTML 25Page - Renesas Technology Corp IPS2200 Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 35 page
background image
IPS2200 Datasheet
Jan.19.21
Page 22
There are four interface options for the OUT1, OUT2, OUT3, and OUT4 pins (see Table 2):
Differential analog output
Single-ended analog output with reference
Incremental digital AB pulse output (one pulse per phase)
12. Connection Options
Note: In Figure 13, Figure 14, and Figure 15, the active function of dual function pins is shown in bold font.
The IPS2200 must be programmed to match to the correct VDD voltage supply level (3.3V or 5.0V).
CVD
VDD
GND
SIN
SINN
COS
COSN
VDD
GND
SIN
SINN
COS
COSN
SIO_SDA
SCK_SCL
I2C Programming:
fixed gain, offset, coil
current, ...
Position,
Diagnostics (0/1)
CVD
VDD
GND
SIN
SINN
COS
COSN
VDD
GND
SIN
SINN
COS
COSN
SIO_SDA
SCK_SCL
SPI Programming:
fixed gain, offset, coil
current, ...
Position,
Diagnostics (0/1)
CSN_IRQN
Figure 13. Analog Interface with Diagnostics Mode, Fixed Configuration
When using the digital interface pins as shown in Figure 14 and Figure 15, IPS2200 and ECU must share the
same VDD voltage supply level to match the digital HIGH and LOW signal levels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com