Electronic Components Datasheet Search
  English  ▼

X  

IPS2200 Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # IPS2200
Description  Inductive Position Sensor IC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

IPS2200 Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button IPS2200 Datasheet HTML 24Page - Renesas Technology Corp IPS2200 Datasheet HTML 25Page - Renesas Technology Corp IPS2200 Datasheet HTML 26Page - Renesas Technology Corp IPS2200 Datasheet HTML 27Page - Renesas Technology Corp IPS2200 Datasheet HTML 28Page - Renesas Technology Corp IPS2200 Datasheet HTML 29Page - Renesas Technology Corp IPS2200 Datasheet HTML 30Page - Renesas Technology Corp IPS2200 Datasheet HTML 31Page - Renesas Technology Corp IPS2200 Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 35 page
background image
IPS2200 Datasheet
Jan.19.21
Page 28
Function
Programming Options
I2C interface
Slave address, I2C mode with address select or with interrupt
Diagnostic signaling on high speed interface
Enable/disable: Output pins are pulled low or high in diagnostic state
Security lock function
Register access R/W / read-only
RF front end integration cycles
Number of integration cycles; adjust noise vs. speed
Receiver overall gain
Overall gain coarse adjustment
Sine, cosine channel gain
Amplitude mismatch correction, fine adjustment
Sine, cosine offset
Pre-adjustment of input offsets
Tx oscillator
Bias current, optimization of coil performance
Time base counter
Measurement of Tx oscillator frequency, upper/lower frequency alarm
Interrupt
Enable/disable interrupt events
16. Diagnostics
The diagnostics described in Table 22 are performed on the chip level and are flagged in corresponding
registers if a fault detection occurs. Each of these diagnostic functions can be enabled or disabled to generate
an interrupt event at the CSN_IRQN output. In addition, an interrupt event can also be signaled through the high
speed interface pins (SIN, SINN, COS, COSN; see Table 2) by putting them into the diagnostic state.
Alarm types marked as “Static” will remain set while the error persists and are cleared only by power-on-reset
(POR); alarm types marked as “Temporary” will be cleared when the source of the error is removed.
Diagnostic flags marked as “Continuous” are continuously tested; diagnostic flags marked as “Start-up” are
checked at start-up only.
Table 22. Diagnostic Features
Diagnostic Flag
Type
Active
Description
VDD over-voltage
Temporary
Continuous
If the external supply voltage exceeds the maximum limit of typical +10%,
this flag is asserted. To avoid a flag toggling, a comparator hysteresis is
implemented. See Table 6 for alarm levels in 3.3V Mode and Table 7 for
alarm levels in 5V Mode.
VDD under-voltage
Temporary
Continuous
If the external supply voltage falls short of the minimum limit of typical -10%,
this flag is asserted. To avoid a flag toggling, a comparator hysteresis is
implemented. See Table 6 for alarm levels in 3.3V Mode and Table 7 for
alarm levels in 5V Mode.
Data access fail
Temporary
Continuous
Chip internal failure.
Protocol integrity fail
Temporary
Continuous
Failure in the I2C/SPI data transfer.
Shadow register DED
Static
Continuous
Shadow register bank double-bit error detection.
Shadow register SED
Temporary
Continuous
Shadow register bank single-bit error detection. Each single-bit error
detection triggers a single-bit error correction (SEC) of the register output.
Nonvolatile memory
DED
Static
Start-up
NVM double-bit error detection. Each individual addressed word is checked
and flagged for bit error.
Nonvolatile memory
SED
Temporary
Start-up
NVM single-bit error detection. Each individual addressed word is checked
and flagged for bit errors.
Each single-bit error detection triggers a single-bit error correction (SEC) of
the NVM output.
LC oscillator failure
Temporary
Continuous
This flag is set when the LC oscillator frequency is out of range. The
frequency range is programmable; see section 16.2 for details.
LC oscillator stuck
Temporary
Continuous
This flag is set when the LC oscillator stops running.
VDDA under-voltage or
CSN_IRQN over-voltage
or SIO_SDA over-
voltage
Temporary
Continuous
This flag is set when the internally regulated analog supply voltage VDDA
falls below specified limits or when an over-voltage on pins CSN_IRQN or
SIO_SDA is detected.
See Table 6 or Table 7 for VDDA alarm levels and Table 4 for IRQN_CSN
and SIO_SDA over-voltage alarm levels.
Low amplitude
Temporary
Continuous
In the Incremental Digital Mode, a minimum signal level must be defined
(gain factor) for a valid output function. If this flag is asserted, the gain factor
must be increased.
Internal bus failure
Temporary
Continuous
Chip internal failure.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com