Electronic Components Datasheet Search
  English  ▼

X  

IPS2200 Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # IPS2200
Description  Inductive Position Sensor IC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

IPS2200 Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button IPS2200 Datasheet HTML 10Page - Renesas Technology Corp IPS2200 Datasheet HTML 11Page - Renesas Technology Corp IPS2200 Datasheet HTML 12Page - Renesas Technology Corp IPS2200 Datasheet HTML 13Page - Renesas Technology Corp IPS2200 Datasheet HTML 14Page - Renesas Technology Corp IPS2200 Datasheet HTML 15Page - Renesas Technology Corp IPS2200 Datasheet HTML 16Page - Renesas Technology Corp IPS2200 Datasheet HTML 17Page - Renesas Technology Corp IPS2200 Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 35 page
background image
IPS2200 Datasheet
Jan.19.21
Page 14
Symbol
Parameter
Conditions
Minimum
Typical
Maximum
Units
Write
temperature
Allowed ambient
temperature range for read
and write access
-40
125
°C
Read
temperature
-40
125
°C
Endurance[a]
Over product lifetime
100
NVM Write Cycles
Read Cycles
5x 1011
1x 1012
NVM Read events
[a]
Verified number of program/erase cycles. Qualified with 200 cycles
Table 15. Electrostatic Discharges (ESD)
Symbol
Parameter
Conditions
Classification
Units
VESD,OUT
ESD tolerance for pins OUT1, OUT2,
OUT3, OUT4, CSN_IRQN, VDD
According to AEC-Q100-002 / JS-001,
HBM100pF/
1.5kΩ
3A: 4000 to < 8000
V
VESD
ESD tolerance for pins RX1, RX2, RX3,
RX4, VDDA, SCK_SCL, SIO_SDA
2: 2000 to < 4000
VESD,OSC
ESD tolerance for pins TX1, TX2
1A: 250 to < 500
[a]
When handling semiconductor devices such as IPS2200, always observe ESD guidelines to avoid electrostatic discharges on
these parts.
7.
Circuit Description
7.1
Overview
The IPS2200 sensor circuit consists of one transmitter coil and two receiver coils, which are typically designed
as traces on a printed circuit board. The two receiver coils have a sinusoidal shape and are shifted by 90° with
respect to each other; refer to Figure 6 and Figure 7 for typical coil shapes. A metal target is placed above the
coil arrangement.
Circuit signal flow:
1.
The IPS2200 drives AC current into the transmitter coil and generates an alternating magnetic field.
2.
The magnetic field induces voltages in the receiver coils. Without a metallic target, due to the balanced, anti-
serial connection of their segments, the voltages are compensated to achieve zero output at each pair of
terminals.
3.
If a metal target is placed above the coils:
a.
The magnetic field induces eddy currents on the surface of the metal target.
b.
The eddy currents generate a counter magnetic field, thus reducing the total flux density underneath.
c.
The voltage induced in the receiver coil areas underneath the target is reduced, creating an imbalance in
the anti-serial coil segment voltages
d.
An output voltage occurs on the terminals, changing amplitude and polarity with the target position.
4.
The IPS2200 IC amplifies, rectifies, and filters the receiver voltages and outputs them for external signal
processing.
Due to the 90° phase shift of the two receiver coils, the output signals also have a 90° phase shift in relation to
the target position, generating ratiometric sine and cosine signals. The signals can be converted into an absolute
position, for example by applying an arctangent operation of Vsin and Vcos.
�������������������������������� = ������������������������⁡(
����������������
����������������
)
Equation 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com