Electronic Components Datasheet Search
  English  ▼

X  

IPS2200 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # IPS2200
Description  Inductive Position Sensor IC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

IPS2200 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button IPS2200 Datasheet HTML 4Page - Renesas Technology Corp IPS2200 Datasheet HTML 5Page - Renesas Technology Corp IPS2200 Datasheet HTML 6Page - Renesas Technology Corp IPS2200 Datasheet HTML 7Page - Renesas Technology Corp IPS2200 Datasheet HTML 8Page - Renesas Technology Corp IPS2200 Datasheet HTML 9Page - Renesas Technology Corp IPS2200 Datasheet HTML 10Page - Renesas Technology Corp IPS2200 Datasheet HTML 11Page - Renesas Technology Corp IPS2200 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
IPS2200 Datasheet
Jan.19.21
Page 8
Symbol
Parameter
Conditions
Minimum
Typical
Maximum
Units
INLOV3V
Accuracy, 3.3V mode, VDD=
3.6V to over-voltage alarm level
±0.3
% FS
INLUV5V
Accuracy, 5V mode, VDD=
under-voltage alarm level to 4.5V
With ideal coil input signals,
relative to an output signal of
3.0Vpp
±0.3
% FS
INL5V
Accuracy, 5.0V mode,
VDD= 4.5 to 5.5V
±0.2
% FS
INLOV5V
Accuracy, 5.0V mode, VDD=
5.5V to over-voltage alarm level
±0.3
% FS
[a]
% FS = percent of full scale = accuracy in % per period, where 100% is the angle range of one electrical period.
For rotary multi-period designs, one electrical period = 360° (one full turn) divided by the number of periods per turn.
Examples:
A 3-periodic coil design (3
 120°) has a typical mechanical accuracy of ±0.2% per 120° = ±0.24°
A 4-periodic coil design (4
 90°) has a typical mechanical accuracy of ±0.2% per 90° = ±0.18°
5.
Ambient Temperature Range
The minimum ambient temperature for the IPS2200 is -40°C.
The maximum ambient temperature depends on the following factors:
The maximum junction temperature. See Table 5 for details.
The selected transmitter coil current. The total power consumption of the chip depends on the internal power
consumption and the user programmable current for the transmitter coil.
The minimum usable coil current in a given application. Note that smaller coil inductances require more
transmitter coil current, and larger coil inductances can operate with less coil current. The maximum allowed
transmitter coil current is shown in Table 5.
The Renesas internal part qualification. The IPS2200 is qualified for -40°C to +125°C ambient temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com