Electronic Components Datasheet Search
  English  ▼

X  

IPS2200 Datasheet(PDF) 25 Page - Renesas Technology Corp

Part # IPS2200
Description  Inductive Position Sensor IC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

IPS2200 Datasheet(HTML) 25 Page - Renesas Technology Corp

Back Button IPS2200 Datasheet HTML 21Page - Renesas Technology Corp IPS2200 Datasheet HTML 22Page - Renesas Technology Corp IPS2200 Datasheet HTML 23Page - Renesas Technology Corp IPS2200 Datasheet HTML 24Page - Renesas Technology Corp IPS2200 Datasheet HTML 25Page - Renesas Technology Corp IPS2200 Datasheet HTML 26Page - Renesas Technology Corp IPS2200 Datasheet HTML 27Page - Renesas Technology Corp IPS2200 Datasheet HTML 28Page - Renesas Technology Corp IPS2200 Datasheet HTML 29Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 35 page
background image
IPS2200 Datasheet
Jan.19.21
Page 25
A master can communicate with multiple slaves. Each slave device has an independent CSN line but shares the
SCK and SIO lines with all slaves. A slave is only addressed when the corresponding CSN pin is pulled low.
Chip Select #1
MCU
Data In/Out
Clock
DIO
SCK
SSN1
SSN2
Chip Select #2
IPS2200
#2
SIO_SDA
SCK_SCL
CSN_IRQN
IPS2200
#1
SIO_SDA
SCK_SCL
CSN_IRQN
VDD
4.7k
4.7k
Figure 17. Half Duplex 3-3 Wire SPI Multi-slave Interface
The SPI slave module is activated by the SPI 3-wire master, which initiates the transaction by pulling the chip-
select pin low (CSN_IRQN, pin 1). A serial clock (SCK_SCL, pin 15), is driven by the master. The Serial Data
In/Out line (SIO_SDA, pin 16) is a bidirectional data line between master and slave. In a typical scenario, the
master transmits a command with a specified length of 8-bit over the SIO line. If it is a write command, the
master keeps transmitting data over the same line. If the first bits were a READ command, the slave transmits a
fixed length of data over the SIO line to the master.
Table 19. SPI Interface Parameters
Symbol
Parameter
Conditions
Minimum
Typical
Maximum
Units
CL_SPI
SPI clock rate
100
Kbit/s
tR_SIO
Rise time of SIO
Signal level change from 10 to
90%; ≤15pF capacitive load
35
ns
tF_SIOL
Fall time of SDA or SCL
Signal level change from 90 to
10%;
≤15pF capacitive load
35
ns
Note: In Figure 16, Figure 17, Figure 18, Figure 19, and Figure 20, for IPS2200 pins that have dual functions, the
function that is active is shown in bold font.
For a detailed description of the SPI interface, refer to the IPS2200 Programming Guide.
13.3
I2C Interface
The IPS2200 includes a standard I2C interface as the default interface. The I2C address is programmable. In
addition, the CSN_IRQN pin can be programmed as either an I2C address selection (SEL) pin or as an interrupt
output (IRQN) pin when using the I2C interface (see Table 3). The IPS2200 is configured as a I2C slave, several
slaves can be connected in parallel on the I2C bus.
Table 20. I2C Interface Parameters
Symbol
Parameter
Conditions
Minimum
Typical
Maximum
Units
CL_I2C
I2C clock rate
100
Kbit/s
tSCL_LOW
Low level state of SCL clock
4.7
µs
tSCL_HIGH
High level state of SCL clock
4.0
µs
tR_SDA_SCL
Rise time of SDA or SCL
Signal level change from 10 to 90%
1000
ns
tF_SDA_SCL
Fall time of SDA or SCL
Signal level change from 90 to 10%
300
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com