Electronic Components Datasheet Search
  English  ▼

X  

OPA375 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # OPA375
Description  OPA375, OPA2375, OPA4375 500-關V (Maximum), 10-MHz, Low Broadband Noise, RRO, Operational Amplifier
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA375 Datasheet(HTML) 5 Page - Texas Instruments

  OPA375 Datasheet HTML 1Page - Texas Instruments OPA375 Datasheet HTML 2Page - Texas Instruments OPA375 Datasheet HTML 3Page - Texas Instruments OPA375 Datasheet HTML 4Page - Texas Instruments OPA375 Datasheet HTML 5Page - Texas Instruments OPA375 Datasheet HTML 6Page - Texas Instruments OPA375 Datasheet HTML 7Page - Texas Instruments OPA375 Datasheet HTML 8Page - Texas Instruments OPA375 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 57 page
background image
1
V±
2
SHDN1
3
SHDN2
4
IN2+
6
OUT2
7
V+
8
OUT1
9
IN1±
Not to scale
5
OPA375, OPA2375
www.ti.com
SBOS886C – NOVEMBER 2017 – REVISED JUNE 2020
Product Folder Links: OPA375 OPA2375
Submit Documentation Feedback
Copyright © 2017–2020, Texas Instruments Incorporated
Pin Functions: OPA2375 (continued)
PIN
I/O
DESCRIPTION
NAME
NO.
V+
8
—
Positive (highest) supply
OPA2375S RUG Package
10-Pin X2QFN
Top View
Pin Functions: OPA2375S
PIN
I/O
DESCRIPTION
NAME
X2QFN
IN1–
9
I
Inverting input, channel 1
IN1+
10
I
Noninverting input, channel 1
IN2–
5
I
Inverting input, channel 2
IN2+
4
I
Noninverting input, channel 2
OUT1
8
O
Output, channel 1
OUT2
6
O
Output, channel 2
SHDN1
2
I
Shutdown: low = amp disabled, high = amp enabled. Channel 1. See the Shutdown Function
section for more information.
SHDN2
3
I
Shutdown: low = amp disabled, high = amp enabled. Channel 2. See the Shutdown Function
section for more information.
V–
1
I or —
Negative (lowest) supply or ground (for single-supply operation)
V+
7
I
Positive (highest) supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com