Electronic Components Datasheet Search
  English  ▼

X  

OPA375 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # OPA375
Description  OPA375, OPA2375, OPA4375 500-關V (Maximum), 10-MHz, Low Broadband Noise, RRO, Operational Amplifier
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA375 Datasheet(HTML) 1 Page - Texas Instruments

  OPA375 Datasheet HTML 1Page - Texas Instruments OPA375 Datasheet HTML 2Page - Texas Instruments OPA375 Datasheet HTML 3Page - Texas Instruments OPA375 Datasheet HTML 4Page - Texas Instruments OPA375 Datasheet HTML 5Page - Texas Instruments OPA375 Datasheet HTML 6Page - Texas Instruments OPA375 Datasheet HTML 7Page - Texas Instruments OPA375 Datasheet HTML 8Page - Texas Instruments OPA375 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 57 page
background image
Frequency (Hz)
1
2
3
5
7
10
20
30
50
70
100
10
100
1k
10k
100k
D012
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
OPA375, OPA2375
SBOS886C – NOVEMBER 2017 – REVISED JUNE 2020
OPA375, OPA2375, OPA4375 500-µV (Maximum), 10-MHz, Low Broadband Noise, RRO,
Operational Amplifier
1
1 Features
1
•
Low broadband noise: 3.5 nV/
√Hz
•
Low offset voltage: 500 µV (maximum)
•
Low THD+N: 0.00015%
•
Gain bandwidth: 10 MHz
•
Rail-to-rail output
•
Unity-gain stable
•
Low IQ:
–
OPA375: 890 µA/ch
–
OPA2375/OPA4375: 990 µA/ch
•
Wide supply range:
–
OPA375: 2.25 V to 5.5 V
–
OPA2375/OPA4375: 1.7 V to 5.5 V
•
Low offset voltage drift: ±0.16 µV/°C
2 Applications
•
Photodiode amplifiers
•
Test and measurement
•
Lab & field transmitter
•
Wearable (non-medical)
•
Professional audio amplifier (rack mount)
•
Medical instrumentation
•
Active filters
•
Precision sensor front-ends
•
ADC input-driver amplifiers
Noise Spectral Density vs Frequency
3 Description
The OPAx375 family includes single (OPA375), dual
(OPA2375) and quad-channel (OPA2375) general-
purpose CMOS operation amplifiers (op amp) that
provide an extremely low noise figure of 3.5 nV/
√Hz,
a low offset of 500 µV (maximum) and a wide
bandwidth of 10 MHz. The low noise and wide
bandwidth make the OPAx375 family attractive for a
variety of precision applications that require a good
balance between cost and performance. Additionally,
the input bias current of the OPAx375 supports
applications with high source impedance.
The robust design of the OPAx375 family provides
ease-of-use to the circuit designer due to the unity-
gain stability, integrated RFI/EMI rejection filter, no
phase reversal in overdrive conditions, and high
electrostatic discharge (ESD) protection (2-kV HBM).
Additionally,
the
resistive
open-loop
output
impedance allows for easy stabilization with much
higher capacitive loads.
This op amp is optimized for low-voltage operation as
low as 2.25 V (±1.125 V) for the OPA375 and 1.7 V
(±0.85 V) for the OPA2375 and OPA4375. All of the
devices operate up to 5.5 V (±2.75 V), and are
specified over the temperature range of –40°C to
125°C.
The single-channel OPA375 is available in a small-
size SC70-5 package. The dual-channel OPA2375 is
available in multiple package options including a tiny
1.5 mm × 2.0 mm X2QFN package.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
OPA375
SC70 (5)
1.25 mm × 2.00 mm
OPA2375
SOIC (8)
3.91 mm × 4.90 mm
TSSOP (8)(2)
3.00 mm × 4.40 mm
SOT-23 (8)
1.60 mm × 2.90 mm
WSON (8)
2.00 mm × 2.00 mm
X2QFN (10)(2)
1.50 mm × 2.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
(2) Package is for preview only.


Similar Part No. - OPA375

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA375 TI1-OPA375 Datasheet
1Mb / 28P
500-uV (Maximum), 10-MHz, Low Broadband Noise, RRO, Operational Amplifier
OPA375 TI1-OPA375 Datasheet
2Mb / 45P
OPA375, OPA2375, OPA4375 500-關V (Maximum), 10-MHz, Low Broadband Noise, RRO, Operational Amplifier
OPA375 TI1-OPA375 Datasheet
3Mb / 51P
OPA375, OPA2375, OPA4375 500-關V (Maximum), 10-MHz, Low Broadband Noise, RRO, Operational Amplifier
OPA375 TI1-OPA375 Datasheet
4Mb / 57P
OPA375, OPA2375, OPA4375 500-關V (Maximum), 10-MHz, Low Broadband Noise, RRO, Operational Amplifier
OPA375 TI-OPA375 Datasheet
5Mb / 64P
OPA375, OPA2375, OPA4375 500-關V (Maximum), 10-MHz, Low Broadband Noise, RRO, Operational Amplifier
REVISED AUGUST 2021
More results

Similar Description - OPA375

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV6741 TI1-TLV6741 Datasheet
440Kb / 16P
10-MHz, Low Broadband Noise, RRO, Operational Amplifier
TLV6741 TI1-TLV6741_17 Datasheet
1Mb / 28P
10-MHz, Low Broadband Noise, RRO, Operational Amplifier
OPA375 TI1-OPA375 Datasheet
1Mb / 28P
500-uV (Maximum), 10-MHz, Low Broadband Noise, RRO, Operational Amplifier
OPA375 TI1-OPA375_V01 Datasheet
2Mb / 45P
OPA375, OPA2375, OPA4375 500-關V (Maximum), 10-MHz, Low Broadband Noise, RRO, Operational Amplifier
TLV6741 TI1-TLV6741_V02 Datasheet
4Mb / 55P
TLV6741, TLV6742, TLV6744 10-MHz, Low Broadband Noise, RRO, Operational Amplifier
OPA375 TI1-OPA375_V02 Datasheet
3Mb / 51P
OPA375, OPA2375, OPA4375 500-關V (Maximum), 10-MHz, Low Broadband Noise, RRO, Operational Amplifier
TLV6741 TI1-TLV6741_V03 Datasheet
4Mb / 58P
TLV6741, TLV6742, TLV6744 10-MHz, Low Broadband Noise, RRO, Operational Amplifier
OPA375 TI1-OPA375_V03 Datasheet
4Mb / 57P
OPA375, OPA2375, OPA4375 500-關V (Maximum), 10-MHz, Low Broadband Noise, RRO, Operational Amplifier
OPA375 TI-OPA375_V05 Datasheet
5Mb / 64P
OPA375, OPA2375, OPA4375 500-關V (Maximum), 10-MHz, Low Broadband Noise, RRO, Operational Amplifier
REVISED AUGUST 2021
TLV6741 TI-TLV6741_V06 Datasheet
5Mb / 64P
TLV6741, TLV6742, TLV6744 10-MHz, Low Broadband Noise, RRO, Operational Amplifier
REVISED AUGUST 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com