Electronic Components Datasheet Search
  English  ▼

X  

OPA375 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # OPA375
Description  OPA375, OPA2375, OPA4375 500-關V (Maximum), 10-MHz, Low Broadband Noise, RRO, Operational Amplifier
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA375 Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA375 Datasheet HTML 5Page - Texas Instruments OPA375 Datasheet HTML 6Page - Texas Instruments OPA375 Datasheet HTML 7Page - Texas Instruments OPA375 Datasheet HTML 8Page - Texas Instruments OPA375 Datasheet HTML 9Page - Texas Instruments OPA375 Datasheet HTML 10Page - Texas Instruments OPA375 Datasheet HTML 11Page - Texas Instruments OPA375 Datasheet HTML 12Page - Texas Instruments OPA375 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 57 page
background image
9
OPA375, OPA2375
www.ti.com
SBOS886C – NOVEMBER 2017 – REVISED JUNE 2020
Product Folder Links: OPA375 OPA2375
Submit Documentation Feedback
Copyright © 2017–2020, Texas Instruments Incorporated
Electrical Characteristics (continued)
OPA2375/4375 Specifications: VS = (V+) – (V–) = 1.8 V to 5.5 V (±0.9 V to ±2.75 V) at TA = 25°C, RL = 10 kΩ connected to
VS / 2, VCM = VS / 2, and VOUT = VS / 2, unless otherwise noted.
OPA375 Specifications: VS = (V+) – (V–) = 5.5 V at TA = 25°C, RL = 10 kΩ connected to VS / 2, VCM = VS / 2, and VOUT = VS
/ 2, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tS
Settling time
To 0.1%, VS = 5.5 V, VSTEP = 2 V, G = +1, CL =
20pF
0.65
μs
To 0.01%, VS = 5.5 V, VSTEP = 2 V, G = +1, CL =
20pF
1.2
Phase margin
G = +1, RL = 10kΩ, CL = 20 pF
55
°
Overload recovery time
VIN × gain > VS
0.2
μs
THD+N
Total harmonic
distortion + noise
VS = 5.5 V, VCM = 2.5 V, VO = 1 VRMS, G = +1, f =
1 kHz, RL = 10 kΩ
OPA375(2)
0.00035
%
OPA2/4375(1)
0.00015
EMIRR
Electro-magnetic
interference rejection
ratio
f = 1 GHz
OPA2/4375(1)
51
dB
OUTPUT
Voltage output swing
from rail
Positive/Negative rail
headroom
VS = 5.5 V, RL = 10k
OPA375(2)
8
10
mV
Positive rail headroom
VS = 5.5 V, RL = no
load
OPA2/4375(1)
7
VS = 5.5 V, RL = 2 kΩ
35
VS = 5.5 V, RL = 10 kΩ
5
14
Negative rail headroom
VS = 5.5 V, RL = no
load
7
VS = 5.5 V, RL = 2 kΩ
35
VS = 5.5 V, RL = 10 kΩ
5
14
ISC
Short-circuit current
OPA2/4375(1)
±68
mA
CLOAD
Capacitive load drive
See
Figure 58
ZO
Open-loop output
impedance
f = 10 MHz, IO = 0 A
OPA375(2)
160
Ω
f = 2 MHz, IO = 0 A
OPA2/4375(1)
165
Ω
POWER SUPPLY
IQ
Quiescent current per
amplifier
VS = 5.5 V, IO = 0 A
OPA375(2)
890
µA
TA = –40°C to 125°C
1100
OPA2/4375(1)
990
1200
TA = –40°C to 125°C
1250
Turn-On Time
At TA = 25°C, VS = 5.5 V, VS ramp rate > 0.3
V/µs
OPA2/4375(1)
10
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com