Electronic Components Datasheet Search
  English  ▼

X  

OPA375 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # OPA375
Description  OPA375, OPA2375, OPA4375 500-關V (Maximum), 10-MHz, Low Broadband Noise, RRO, Operational Amplifier
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA375 Datasheet(HTML) 12 Page - Texas Instruments

Back Button OPA375 Datasheet HTML 8Page - Texas Instruments OPA375 Datasheet HTML 9Page - Texas Instruments OPA375 Datasheet HTML 10Page - Texas Instruments OPA375 Datasheet HTML 11Page - Texas Instruments OPA375 Datasheet HTML 12Page - Texas Instruments OPA375 Datasheet HTML 13Page - Texas Instruments OPA375 Datasheet HTML 14Page - Texas Instruments OPA375 Datasheet HTML 15Page - Texas Instruments OPA375 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 57 page
background image
Output Current (mA)
10
20
30
40
50
60
-3
-2
-1
0
1
2
3
-40 C
°
25 C
°
85 C
°
125°C
125 C
°
85 C
°
25 C
°
-40 C
°
D010
2.5
1.5
0.5
-0.5
-1.5
-2.5
15
25
35
45
55
Frequency (Hz)
0
20
40
60
80
100
120
1k
10k
100k
1M
D011
PSRR (dB)
PSRR+ (dB)
Frequency (Hz)
-75
-75
-50
-50
-25
-25
0
0
25
25
50
50
75
75
100
100
1k
10k
100k
1M
10M
D006
Gain
Phase
Frequency (Hz)
-40
-30
-20
-10
0
10
20
30
40
1k
10k
100k
1M
10M
D007
Gain = -1
Gain = 10
Gain = 1
VCM (V)
-4
-3
-2
-1
0
1
2
3
4
-8
-6
-4
-2
0
2
4
6
8
D043
IB
IB+
IOS
Temperature (qC)
0
50
100
150
-120
-100
-80
-60
-40
-20
0
20
D044
IB
IB
IOS
12
OPA375, OPA2375
SBOS886C – NOVEMBER 2017 – REVISED JUNE 2020
www.ti.com
Product Folder Links: OPA375 OPA2375
Submit Documentation Feedback
Copyright © 2017–2020, Texas Instruments Incorporated
Typical Characteristics: OPA375 (continued)
at TA = 25°C, VS = 5.5 V, RL = 10 kΩ connected to VS / 2, VCM = VS / 2, and VOUT = VS / 2 (unless otherwise noted)
Figure 7. IB and IOS vs Common-Mode Voltage
Figure 8. IB and IOS vs Temperature
CL = 10 pF
Figure 9. Open-Loop Gain and Phase vs Frequency
Figure 10. Closed-Loop Gain vs Frequency
Figure 11. VO vs I Sourcing and Sinking
Figure 12. PSRR vs Frequency (Referred to Input)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com