Electronic Components Datasheet Search
  English  ▼

X  

OPA375 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # OPA375
Description  OPA375, OPA2375, OPA4375 500-關V (Maximum), 10-MHz, Low Broadband Noise, RRO, Operational Amplifier
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA375 Datasheet(HTML) 24 Page - Texas Instruments

Back Button OPA375 Datasheet HTML 20Page - Texas Instruments OPA375 Datasheet HTML 21Page - Texas Instruments OPA375 Datasheet HTML 22Page - Texas Instruments OPA375 Datasheet HTML 23Page - Texas Instruments OPA375 Datasheet HTML 24Page - Texas Instruments OPA375 Datasheet HTML 25Page - Texas Instruments OPA375 Datasheet HTML 26Page - Texas Instruments OPA375 Datasheet HTML 27Page - Texas Instruments OPA375 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 57 page
background image
Frequency (Hz)
0
1
2
3
4
5
6
1
10
100
1k
10k
100k
1M
10M
100M
D034
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
50
55
60
65
70
75
80
D035
Output Current (mA)
0
5 10 15 20 25 30 35 40 45 50 55 60 65 70 75 80
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
D032
-40q
25q
85q
125q
Output Current (mA)
0
5 10 15 20 25 30 35 40 45 50 55 60 65 70 75 80
-3
-2.8
-2.6
-2.4
-2.2
-2
-1.8
-1.6
-1.4
-1.2
-1
-0.8
-0.6
-0.4
-0.2
0
D033
-40q
25q
85q
125q
Frequency (Hz)
-120
-116
-112
-108
-104
-100
-96
-92
-88
-84
-80
100
1k
10k
D030
RL = 600 :
RL = 2 k:
RL = 10 k:
VOUT (rms)
-120
-100
-80
-60
-40
1m
10m
100m
1
D031
RL = 10 k:
RL = 2 k:
RL = 600 :
24
OPA375, OPA2375
SBOS886C – NOVEMBER 2017 – REVISED JUNE 2020
www.ti.com
Product Folder Links: OPA375 OPA2375
Submit Documentation Feedback
Copyright © 2017–2020, Texas Instruments Incorporated
Typical Characteristics: OPA2375 (continued)
at TA = 25°C, VS = ±2.75 V, RL = 10 kΩ connected to VS / 2, VCM = VS / 2, and VOUT = VS / 2, unless otherwise noted.
VCM = 2.5 V
Gain = +1, BW = 80 kHz, VOUT = 0.5 Vrms
Figure 69. THD + N vs Frequency
VCM = 2.5 V
BW = 80 kHz
Figure 70. THD + N vs Amplitude
Figure 71. VOUT vs Sourcing Current
Figure 72. VOUT vs Sinking Current
CL = 10 pF, Gain = +1, VS= 5.5 V
Figure 73. Maximum Output Voltage vs Frequency
Figure 74. Short-Circuit Current vs Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com