Electronic Components Datasheet Search
  English  ▼

X  

OPA375 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # OPA375
Description  OPA375, OPA2375, OPA4375 500-關V (Maximum), 10-MHz, Low Broadband Noise, RRO, Operational Amplifier
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA375 Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA375 Datasheet HTML 4Page - Texas Instruments OPA375 Datasheet HTML 5Page - Texas Instruments OPA375 Datasheet HTML 6Page - Texas Instruments OPA375 Datasheet HTML 7Page - Texas Instruments OPA375 Datasheet HTML 8Page - Texas Instruments OPA375 Datasheet HTML 9Page - Texas Instruments OPA375 Datasheet HTML 10Page - Texas Instruments OPA375 Datasheet HTML 11Page - Texas Instruments OPA375 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 57 page
background image
8
OPA375, OPA2375
SBOS886C – NOVEMBER 2017 – REVISED JUNE 2020
www.ti.com
Product Folder Links: OPA375 OPA2375
Submit Documentation Feedback
Copyright © 2017–2020, Texas Instruments Incorporated
(1)
This electrical characteristic only applies to the dual-channel OPA2375 and quad-channel OPA4375
(2)
This electrical characteristic only applies to the single-channel, OPA375
(3)
Specified by design and characterization; not production tested
7.6 Electrical Characteristics
OPA2375/4375 Specifications: VS = (V+) – (V–) = 1.8 V to 5.5 V (±0.9 V to ±2.75 V) at TA = 25°C, RL = 10 kΩ connected to
VS / 2, VCM = VS / 2, and VOUT = VS / 2, unless otherwise noted.
OPA375 Specifications: VS = (V+) – (V–) = 5.5 V at TA = 25°C, RL = 10 kΩ connected to VS / 2, VCM = VS / 2, and VOUT = VS
/ 2, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
VOS
Input offset voltage
VS = 5.0 V
±0.15
±0.5
mV
TA = –40°C to 125°C
OPA2/4375(1)
±0.7
dVOS/dT
Input offset voltage drift
TA = –40°C to 125°C
OPA375(2)
±0.35
±2(3)
µV/
℃
OPA2/4375(1)
±0.16
PSRR
Input offset voltage
versus power supply
VS = 2.25 V to 5.5 V, VCM = V–
OPA375(2)
±0.32
±6.3
μV/V
VVCM = V–
OPA2/4375(1)
±0.7
±5.8
Channel separation
f = 20 kHz
130
dB
INPUT BIAS CURRENT
IB
Input bias current
OPA375(2)
±10
pA
OPA2/4375(1)
±3
IOS
Input offset current
OPA375(2)
±10
OPA2/4375(1)
±0.5
NOISE
EN
Input voltage noise
f = 0.1 to 10 Hz
1.2
μVPP
0.227
µVRMS
eN
Input voltage noise
density
f = 10 Hz
OPA2/4375(1)
30
nV/
√Hz
f = 1 kHz
OPA375(2)
5.0
OPA2/4375(1)
4.6
f = 10 kHz
OPA375(2)
3.7
OPA2/4375(1)
3.5
iN
Input current noise
f = 1 kHz
23
fA/
√Hz
INPUT VOLTAGE RANGE
VCM
Common-mode voltage
range
(V–)
(V+) -1.2
V
CMRR
Common-mode
rejection ratio
(V–) < VCM < (V+) – 1.2 V
OPA375(2)
95
120
dB
VS = 1.8 V, (V–) < VCM < (V+) – 1.2 V
OPA2/4375(1)
87
100
VS = 5.5, (V–) < VCM < (V+) – 1.2 V
94
110
INPUT CAPACITANCE
ZID
Differential
10 || 6
MΩ || pF
ZICM
Common-mode
10 || 6
GΩ || pF
OPEN-LOOP GAIN
AOL
Open-loop voltage gain
(V–) + 40 mV < VO < (V+) – 40 mV, RL = 10 kΩ
to VS/2
OPA375(2)
125
dB
(V–) + 150 mV < VO < (V+) – 150 mV, RL = 2 kΩ
to VS/2
110
130
VS= 1.8 V, (V–) + 150 mV < VO < (V+) – 150 mV,
RL = 2 kΩ to VS/2
OPA2/4375(1)
107
130
VS= 5.5 V, (V–) + 150 mV < VO < (V+) – 150 mV,
RL = 2 kΩ to VS/2
140
VS = 1.8 V, (V–) + 40m V < VO < (V+) – 40 mV,
RL = 10 kΩ to VS/2
110
132
VS = 5.5 V, (V–) + 40m V < VO < (V+) – 40 mV,
RL = 10 kΩ to VS/2
142
FREQUENCY RESPONSE
GBW
Gain-bandwidth product
10
MHz
SR
Slew rate
VS = 5.5 V, G = +1, CL = 20 pF
4.6
V/μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com