Electronic Components Datasheet Search
  English  ▼

X  

OPA375 Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # OPA375
Description  OPA375, OPA2375, OPA4375 500-關V (Maximum), 10-MHz, Low Broadband Noise, RRO, Operational Amplifier
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA375 Datasheet(HTML) 25 Page - Texas Instruments

Back Button OPA375 Datasheet HTML 21Page - Texas Instruments OPA375 Datasheet HTML 22Page - Texas Instruments OPA375 Datasheet HTML 23Page - Texas Instruments OPA375 Datasheet HTML 24Page - Texas Instruments OPA375 Datasheet HTML 25Page - Texas Instruments OPA375 Datasheet HTML 26Page - Texas Instruments OPA375 Datasheet HTML 27Page - Texas Instruments OPA375 Datasheet HTML 28Page - Texas Instruments OPA375 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 57 page
background image
Frequency (Hz)
0
20
40
60
80
100
120
10M
100M
1G
10G
D039
Time (5 Ps/div)
-0.5
0.5
1.5
2.5
3.5
4.5
5.5
6.5
D041
Supply Voltage
Output
Frequency (Hz)
0
100
200
300
400
500
600
700
800
900
1000
1100
1200
1k
10k
100k
1M
10M
D038
Frequency (Hz)
-150
-140
-130
-120
-110
-100
-90
-80
-70
-60
-50
100
1k
10k
100k
1M
10M
D040
Supply Voltage (V)
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
900
910
920
930
940
950
960
970
980
990
1000
D036
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
900
910
920
930
940
950
960
970
980
990
1000
D037
25
OPA375, OPA2375
www.ti.com
SBOS886C – NOVEMBER 2017 – REVISED JUNE 2020
Product Folder Links: OPA375 OPA2375
Submit Documentation Feedback
Copyright © 2017–2020, Texas Instruments Incorporated
Typical Characteristics: OPA2375 (continued)
at TA = 25°C, VS = ±2.75 V, RL = 10 kΩ connected to VS / 2, VCM = VS / 2, and VOUT = VS / 2, unless otherwise noted.
Figure 75. Quiescent Current vs Supply Voltage
Figure 76. Quiescent Current vs Temperature
Figure 77. Open-Loop Output Impedance vs Frequency
AVDD = 5.5 V, VICM = VOCM = 2.75 V
Figure 78. Channel Separation vs Frequency
Figure 79. Electromagnetic Interference Rejection Ratio
Referred to Noninverting Input (EMIRR+) vs Frequency
VS = 0 to 5.5 V, VOUT = 0 to 2.75 V
Figure 80. Turn-On Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com