Electronic Components Datasheet Search
  English  ▼

X  

OPA375 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # OPA375
Description  OPA375, OPA2375, OPA4375 500-關V (Maximum), 10-MHz, Low Broadband Noise, RRO, Operational Amplifier
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA375 Datasheet(HTML) 6 Page - Texas Instruments

Back Button OPA375 Datasheet HTML 2Page - Texas Instruments OPA375 Datasheet HTML 3Page - Texas Instruments OPA375 Datasheet HTML 4Page - Texas Instruments OPA375 Datasheet HTML 5Page - Texas Instruments OPA375 Datasheet HTML 6Page - Texas Instruments OPA375 Datasheet HTML 7Page - Texas Instruments OPA375 Datasheet HTML 8Page - Texas Instruments OPA375 Datasheet HTML 9Page - Texas Instruments OPA375 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 57 page
background image
6
OPA375, OPA2375
SBOS886C – NOVEMBER 2017 – REVISED JUNE 2020
www.ti.com
Product Folder Links: OPA375 OPA2375
Submit Documentation Feedback
Copyright © 2017–2020, Texas Instruments Incorporated
(1)
Operating the device beyond the ratings listed under Absolute Maximum Ratings will cause permanent damage to the device. These are
stress ratings only, based on process and design limitations, and this device has not been designed to function outsdie the conditions
indicated under Recommended Operating Conditions. Exposure to any condition outside Recommended Operating Conditions for
extended periods, including absolute-maximum-rated conditions, may affect device reliability and performance.
(2)
Input pins are diode-clamped to the power-supply rails. Input signals that may swing more than 0.5 V beyond the supply rails must be
current limited to 10 mA or less.
(3)
Short-circuit to ground, one amplifier per package.
7 Specifications
7.1 Absolute Maximum Ratings
over operating ambient temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Supply voltage, VS = (V+) – (V–)
0
6
V
Signal input pins
Common-mode voltage (2)
(V–) – 0.5
(V+) + 0.5
V
Differential voltage (2)
VS + 0.2
V
Current (2)
–10
10
mA
Output short-circuit (3)
Continuous
Operating ambient temperature, TA
–55
150
°C
Junction temperature, TJ
150
°C
Storage temperature, Tstg
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
OPA375: Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001 (1)
±3000
V
OPA2375: Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001 (1)
±2000
All Devices: Charged-device model (CDM), per JEDEC specification JESD22-C101
(2)
±1500
(1)
Operation between 1.7 V and 1.8 V is only recommened for TA = 0 - 85℃
7.3 Recommended Operating Conditions
over operating ambient temperature range (unless otherwise noted)
MIN
MAX
UNIT
VS
Supply voltage, (V+) – (V–) , for OPA2375 and OPA4375
1.7(1)
5.5
V
VS
Supply voltage, (V+) – (V–), for OPA375 only
2.25
5.5
V
VI
Input voltage range
(V–)
(V+) – 1.2
V
TA
Specified temperature
–40
125
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report SPRA953C.
7.4 Thermal Information for Single Channel
THERMAL METRIC (1)
OPA375
UNIT
DCK
(SC70)
5 PINS
RθJA
Junction-to-ambient thermal resistance
240.9
℃/W
RθJC(top)
Junction-to-case (top) thermal resistance
151.7
℃/W
RθJB
Junction-to-board thermal resistance
64
℃/W
ψJT
Junction-to-top characterization parameter
34.8
℃/W
ψJB
Junction-to-board characterization parameter
63.3
℃/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
n/a
℃/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com