Electronic Components Datasheet Search
  English  ▼

X  

OPA375 Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # OPA375
Description  OPA375, OPA2375, OPA4375 500-關V (Maximum), 10-MHz, Low Broadband Noise, RRO, Operational Amplifier
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA375 Datasheet(HTML) 30 Page - Texas Instruments

Back Button OPA375 Datasheet HTML 26Page - Texas Instruments OPA375 Datasheet HTML 27Page - Texas Instruments OPA375 Datasheet HTML 28Page - Texas Instruments OPA375 Datasheet HTML 29Page - Texas Instruments OPA375 Datasheet HTML 30Page - Texas Instruments OPA375 Datasheet HTML 31Page - Texas Instruments OPA375 Datasheet HTML 32Page - Texas Instruments OPA375 Datasheet HTML 33Page - Texas Instruments OPA375 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 57 page
background image
30
OPA375, OPA2375
SBOS886C – NOVEMBER 2017 – REVISED JUNE 2020
www.ti.com
Product Folder Links: OPA375 OPA2375
Submit Documentation Feedback
Copyright © 2017–2020, Texas Instruments Incorporated
Depending on the specification, values listed in the typical column of the Electrical Characteristics table are
represented in different ways. As a general rule of thumb, if a specification naturally has a nonzero mean (for
example, like gain bandwidth), then the typical value is equal to the mean (µ). However, if a specification
naturally has a mean near zero (like input offset voltage), then the typical value is equal to the mean plus one
standard deviation (µ + σ) in order to most accurately represent the typical value.
You can use this chart to calculate approximate probability of a specification in a unit; for example, for OPA2375,
the typical input voltage offset is 150 µV, so 68.2% of all OPA2375 devices are expected to have an offset from
–150 µV to 150 µV.
Specifications with a value in the minimum or maximum column are assured by TI, and units outside these limits
will be removed from production material. For example, the OPA2375 device has a maximum offset voltage of
0.5 mV at 25°C, and even though this corresponds to 5 σ (≈1 in 1.7 million units), which is extremely unlikely, TI
assures that any unit with a larger offset than 0.5 mV will be removed from production material.
For specifications with no value in the minimum or maximum column, consider selecting a sigma value of
sufficient guardband for your application, and design worst-case conditions using this value. For example, the 6-σ
value corresponds to about 1 in 500 million units, which is an extremely unlikely chance, and can be an option as
a wide guardband to design a system around. In this case, the OPA2375 does not have a maximum or minimum
for offset voltage drift, but based on Figure 40 and the typical value of 0.16 µV/°C in the Electrical Characteristics
table, it can be calculated that the 6-σ value for offset voltage drift is about 0.96 µV/°C. When designing for
worst-case system conditions, this value can be used to estimate the worst possible offset across temperature
without having an actual minimum or maximum value.
However, process variation and adjustments over time can shift typical means and standard deviations, and
unless there is a value in the minimum or maximum specification column, TI cannot assure the performance of a
device. This information should be used only to estimate the performance of a device.
8.3.7 Shutdown Function
The OPAx375S devices feature SHDN pins that disable the op amp, placing it into a low-power standby mode. In
this mode, the op amp typically consumes less than 1 µA. The SHDN pins are active-low, meaning that
shutdown mode is enabled when the input to the SHDN pin is a valid logic low.
The SHDN pins are referenced to the negative supply voltage of the op amp. The threshold of the shutdown
feature lies around 800 mV (typical) above the negative rail. Hysteresis has been included in the switching
threshold to ensure smooth switching characteristics. To ensure optimal shutdown behavior, the SHDN pins
should be driven with valid logic signals. A valid logic low is defined as a voltage between V– and V– + 0.2 V. A
valid logic high is defined as a voltage between V– + 1.2 V and V+. The shutdown pin must either be connected
to a valid high or a low voltage or driven, and not left as an open circuit. There is no internal pullup to enable the
amplifier.
The SHDN pins are high-impedance CMOS inputs. Dual op amp versions are independently controlled, and
quad op amp versions are controlled in pairs with logic inputs. For battery-operated applications, this feature may
be used to greatly reduce the average current and extend battery life. The enable time is 15 µs for full shutdown
of all channels; disable time is 3 µs. When disabled, the output assumes a high-impedance state. This
architecture allows the OPAx375S to be operated as a gated amplifier (or to have the device output multiplexed
onto a common analog output bus). Shutdown time (tOFF) depends on loading conditions and increases as load
resistance increases. To ensure shutdown (disable) within a specific shutdown time, the specified 10-kΩ load to
midsupply (VS / 2) is required. If using the OPAx375S without a load, the resulting turnoff time is significantly
increased.
8.3.8 Packages With an Exposed Thermal Pad
The OPAx375 family is available in packages such as the WSON-8 (DSG) which feature an exposed thermal
pad. Inside the package, the die is attached to this thermal pad using an electrically conductive compound. For
this reason, when using a package with an exposed thermal pad, the thermal pad must either be connected to
V– or left floating. Attaching the thermal pad to a potential other than V– is not allowed, and performance of the
device is not assured when doing so.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com