Electronic Components Datasheet Search
  English  ▼

X  

OPA375 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # OPA375
Description  OPA375, OPA2375, OPA4375 500-關V (Maximum), 10-MHz, Low Broadband Noise, RRO, Operational Amplifier
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA375 Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA375 Datasheet HTML 6Page - Texas Instruments OPA375 Datasheet HTML 7Page - Texas Instruments OPA375 Datasheet HTML 8Page - Texas Instruments OPA375 Datasheet HTML 9Page - Texas Instruments OPA375 Datasheet HTML 10Page - Texas Instruments OPA375 Datasheet HTML 11Page - Texas Instruments OPA375 Datasheet HTML 12Page - Texas Instruments OPA375 Datasheet HTML 13Page - Texas Instruments OPA375 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 57 page
background image
10
OPA375, OPA2375
SBOS886C – NOVEMBER 2017 – REVISED JUNE 2020
www.ti.com
Product Folder Links: OPA375 OPA2375
Submit Documentation Feedback
Copyright © 2017–2020, Texas Instruments Incorporated
Table 1. Table of OPA375 Graphs
DESCRIPTION
FIGURE
Offset Voltage Production Distribution
Figure 1
Offset Voltage Drift Distribution
Figure 2
Offset Voltage vs Temperature
Figure 3
Offset Voltage vs Common-Mode Voltage
Figure 4
Offset Voltage vs Common-Mode Voltage
Figure 5
Offset Voltage vs Power Supply
Figure 6
IB and IOS vs Common-Mode Voltage
Figure 7
IB and IOS vs Temperature
Figure 8
Open-Loop Gain and Phase vs Frequency
Figure 9
Closed-Loop Gain vs Frequency
Figure 10
VO vs I Sourcing and Sinking
Figure 11
PSRR vs Frequency (Referred to Input)
Figure 12
CMRR vs Frequency (Referred to Input)
Figure 13
CMRR vs Temperature
Figure 14
0.1-Hz to 10-Hz Flicker Noise
Figure 15
Input Voltage Noise Spectral Density vs Frequency
Figure 16
THD + Noise vs Frequency
Figure 17
THD + Noise vs Frequency
Figure 18
THD + Noise vs Amplitude
Figure 19
Quiescent Current vs Supply Voltage
Figure 20
Quiescent Current vs Temperature
Figure 21
Open-Loop Gain vs Temperature
Figure 22
Open-Loop Gain vs Output Voltage
Figure 23
Open-Loop Output Impedance vs Frequency
Figure 24
Small-Signal Overshoot vs Load Capacitance
Figure 25
Small-Signal Overshoot vs Load Capacitance
Figure 26
Small-Signal Overshoot vs Load Capacitance
Figure 27
Small-Signal Overshoot vs Load Capacitance
Figure 28
No Phase Reversal
Figure 29
Overload Recovery
Figure 30
Small-Signal Step Response
Figure 31
Large Signal Step Response
Figure 32
Large Signal Settling Time (Positive)
Figure 33
Large Signal Settling Time (Negative)
Figure 34
Short-Circuit Current vs Temperature
Figure 35
Maximum Output Voltage vs Frequency
Figure 36
Electromagnetic Interference Rejection Ratio Referred to Noninverting Input
(EMIRR+) vs Frequency
Figure 37
Phase Margin vs Capacitive Load
Figure 38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com