Electronic Components Datasheet Search
  English  ▼

X  

OPA375 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # OPA375
Description  OPA375, OPA2375, OPA4375 500-關V (Maximum), 10-MHz, Low Broadband Noise, RRO, Operational Amplifier
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA375 Datasheet(HTML) 23 Page - Texas Instruments

Back Button OPA375 Datasheet HTML 19Page - Texas Instruments OPA375 Datasheet HTML 20Page - Texas Instruments OPA375 Datasheet HTML 21Page - Texas Instruments OPA375 Datasheet HTML 22Page - Texas Instruments OPA375 Datasheet HTML 23Page - Texas Instruments OPA375 Datasheet HTML 24Page - Texas Instruments OPA375 Datasheet HTML 25Page - Texas Instruments OPA375 Datasheet HTML 26Page - Texas Instruments OPA375 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 57 page
background image
Time (0.25 Ps/div)
Step Applied at t = 0
D029
0.1% Settling Time
Time (0.25 Ps/div)
Step Applied at t = 0
D050
0.1% Settling Time
Time (1 µs/div)
-1.25
-1
-0.75
-0.5
-0.25
0
0.25
0.5
0.75
1
1.25
D026
Input
Output
Time (1 µs/div)
-1.25
-1
-0.75
-0.5
-0.25
0
0.25
0.5
0.75
1
1.25
D028
Input
Output
Time (1 µs/div)
-0.1
-0.08
-0.06
-0.04
-0.02
0
0.02
0.04
0.06
0.08
0.1
D025
Input
Output
Time (1 µs/div)
-0.1
-0.08
-0.06
-0.04
-0.02
0
0.02
0.04
0.06
0.08
0.1
D027
Input
Output
23
OPA375, OPA2375
www.ti.com
SBOS886C – NOVEMBER 2017 – REVISED JUNE 2020
Product Folder Links: OPA375 OPA2375
Submit Documentation Feedback
Copyright © 2017–2020, Texas Instruments Incorporated
Typical Characteristics: OPA2375 (continued)
at TA = 25°C, VS = ±2.75 V, RL = 10 kΩ connected to VS / 2, VCM = VS / 2, and VOUT = VS / 2, unless otherwise noted.
CL = 20 pF, Gain = 1, VIN = 100-mVpp, RL = 1 kΩ
Figure 63. Small-Signal Step Response
CL = 20 pF, Gain = –1, VIN = 100-mVpp, RL = 1 kΩ
Figure 64. Small-Signal Step Response
CL = 20 pF, Gain = +1, VIN = 2-V step, RL = 1 kΩ
Figure 65. Large Signal Step Response
CL = 20 pF, Gain = –1, VIN = 2-V step, RL = 1 kΩ
Figure 66. Large Signal Step Response
CL = 20 pF, Gain = 1, VIN = 2-V step
Figure 67. Large Signal Settling Time (Positive)
CL = 20 pF, Gain = –1, VIN = 2-V step
Figure 68. Large Signal Settling Time (Negative)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com