Electronic Components Datasheet Search
  English  ▼

X  

OPA375 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # OPA375
Description  OPA375, OPA2375, OPA4375 500-關V (Maximum), 10-MHz, Low Broadband Noise, RRO, Operational Amplifier
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA375 Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA375 Datasheet HTML 7Page - Texas Instruments OPA375 Datasheet HTML 8Page - Texas Instruments OPA375 Datasheet HTML 9Page - Texas Instruments OPA375 Datasheet HTML 10Page - Texas Instruments OPA375 Datasheet HTML 11Page - Texas Instruments OPA375 Datasheet HTML 12Page - Texas Instruments OPA375 Datasheet HTML 13Page - Texas Instruments OPA375 Datasheet HTML 14Page - Texas Instruments OPA375 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 57 page
background image
Input Common Mode Voltage (V)
-2.5
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
D004
VS (V)
1.5
2.5
3.5
4.5
5.5
-500
-400
-300
-200
-100
0
100
200
300
D005
Temperature (qC)
-60
-40
-20
0
20
40
60
80
100
120
140
-400
-300
-200
-100
0
100
200
D003
Input Common Mode Voltage (V)
-4
-3
-2
-1
0
1
2
3
4
-6
-4
-2
0
2
4
6
D004
Offset Voltage(µV)
0
5%
10%
15%
20%
25%
30%
35%
40%
D001
Offset Voltage Drift (PV/qC)
0.4
0.8
1.2
1.6
2
2.4
2.8
80
60
40
20
0
70
50
30
10
D002
11
OPA375, OPA2375
www.ti.com
SBOS886C – NOVEMBER 2017 – REVISED JUNE 2020
Product Folder Links: OPA375 OPA2375
Submit Documentation Feedback
Copyright © 2017–2020, Texas Instruments Incorporated
7.7 Typical Characteristics: OPA375
at TA = 25°C, VS = 5.5 V, RL = 10 kΩ connected to VS / 2, VCM = VS / 2, and VOUT = VS / 2 (unless otherwise noted)
Figure 1. Offset Voltage Production Distribution
Figure 2. Offset Voltage Drift Distribution
Figure 3. Offset Voltage vs Temperature
Figure 4. Offset Voltage vs Common-Mode Voltage
Figure 5. Offset Voltage vs Common-Mode Voltage
Figure 6. Offset Voltage vs Power Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com