Electronic Components Datasheet Search
  English  ▼

X  

SN10 Datasheet(PDF) 88 Page - List of Unclassifed Manufacturers

Part # SN10
Description  The superb ILEC Variometer and Audio
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SN10 Datasheet(HTML) 88 Page - List of Unclassifed Manufacturers

Back Button SN10 Datasheet HTML 84Page - List of Unclassifed Manufacturers SN10 Datasheet HTML 85Page - List of Unclassifed Manufacturers SN10 Datasheet HTML 86Page - List of Unclassifed Manufacturers SN10 Datasheet HTML 87Page - List of Unclassifed Manufacturers SN10 Datasheet HTML 88Page - List of Unclassifed Manufacturers SN10 Datasheet HTML 89Page - List of Unclassifed Manufacturers SN10 Datasheet HTML 90Page - List of Unclassifed Manufacturers SN10 Datasheet HTML 91Page - List of Unclassifed Manufacturers SN10 Datasheet HTML 92Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 98 page
background image
ILEC SN10 User Manual
Appendix D: Wiring Information
Panel Cable and PC Cable Diagram
ILEC SN10 User Manual
Appendix D: Wiring Information
Software Version 2.31
Manual Revised 13-Dec-2005
Page 81 of 91
Panel Cable and PC Cable Diagram
12V SW
12V SW
TX out
TX out
RX in
GND
5V
B
A
NMEA
REL SW
1
2
3
4
5
6
7
8
9
SN10 PC / GPS
Remote Control
1
2
3
4
5
6
7
8
9
1
2
3
4
5
6
7
8
9
1
2
3
4
5
6
7
8
9
Cockpit Panel
Connector
PC Connector
PC Cabling
open end cables at the
cockpit panel connector
SN10 Cockpit panel cabling
from S/N xxx100 up
12V SW
TX out
RX in
GND
5V
B
A
1
2
3
4
5
6
7
8
9
SN10 PC / GPS
Remote Control
1
2
3
4
5
6
7
8
9
1
2
3
4
5
6
7
8
9
1
2
3
4
5
6
7
8
9
Cockpit Panel
Connector
PC Connector
open
t th
end cables a
e
cockpit panel connector
SN10 Cockpit panel cabling
GND
Cockpit Panel Cable
S/N xxx001 to S/N xxx099
Cockpit Connector
black
cable
Cockpit Connector
grey
cable
Software Version 2.31
Manual Revised 13-Dec-2005
Page 81 of 91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com