Electronic Components Datasheet Search
  English  ▼

X  

SN10 Datasheet(PDF) 40 Page - List of Unclassifed Manufacturers

Part # SN10
Description  The superb ILEC Variometer and Audio
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SN10 Datasheet(HTML) 40 Page - List of Unclassifed Manufacturers

Back Button SN10 Datasheet HTML 36Page - List of Unclassifed Manufacturers SN10 Datasheet HTML 37Page - List of Unclassifed Manufacturers SN10 Datasheet HTML 38Page - List of Unclassifed Manufacturers SN10 Datasheet HTML 39Page - List of Unclassifed Manufacturers SN10 Datasheet HTML 40Page - List of Unclassifed Manufacturers SN10 Datasheet HTML 41Page - List of Unclassifed Manufacturers SN10 Datasheet HTML 42Page - List of Unclassifed Manufacturers SN10 Datasheet HTML 43Page - List of Unclassifed Manufacturers SN10 Datasheet HTML 44Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 98 page
background image
ILEC SN10 User Manual
Configuring the SN10 (Setup Pages)
5.9 SN10 Options 2 Setup
5.9.1 Enable Club Mode
If you check this box, each time the SN10 is
turned on, the SN10 asks whether you want
club or competition mode. If you do not check
this box, the SN10 will always operate in
competition mode. When the SN10 is turned on
in flight no question is asked and the SN10
continues operating in whatever mode was in
use at takeoff.
5.9.2 Enable PDA Output
Checking this box causes the ILEC SN10 to output information for use by some PDA
software. This information includes all information that the SN10 receives from the GPS
input, plus additional information measured or computed by the SN10. With this
information, the PDA software can provide better information about alternate landing
points. Numerous PDA software packages now use this data (contact your PDA
software vendor for more information).
5.9.3 Be Quiet in Sink
Checking this box suppresses Speed-Up audio signals when you’re in cruise. Some
pilots prefer not to have the additional stress of the audio on top of the altimeter
unwinding…
5.9.4 Enable Arrows in Climb
Normally, the ILEC SN10 does not display arrows indicating Turn-Right to track the
course-line, or the wind-direction arrow during climb. Most pilots find that while they’re
thermalling, the continually changing arrows are quite distracting. If you don’t mind the
arrows continually changing while climbing, check this box to enable their display in
climb.
5.9.5 Enable The Custom Page
If you check this box, the first SN10 page (in competition mode) will be the Custom
page. See The Custom Page (optional) and Customizing the Custom Page for
information about the Custom page.
5.9.6 Enable L/D Calculator Page
Check this box to enable display of the L/D Calculator Page. This page is primarily
used by pilots who fly modified single speed (to find the MC setting that matches the
Software Version 2.31
Manual Revised 13-Dec-2005
Page 33 of 91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com