Electronic Components Datasheet Search
  English  ▼

X  

SN10 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # SN10
Description  The superb ILEC Variometer and Audio
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SN10 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button SN10 Datasheet HTML 9Page - List of Unclassifed Manufacturers SN10 Datasheet HTML 10Page - List of Unclassifed Manufacturers SN10 Datasheet HTML 11Page - List of Unclassifed Manufacturers SN10 Datasheet HTML 12Page - List of Unclassifed Manufacturers SN10 Datasheet HTML 13Page - List of Unclassifed Manufacturers SN10 Datasheet HTML 14Page - List of Unclassifed Manufacturers SN10 Datasheet HTML 15Page - List of Unclassifed Manufacturers SN10 Datasheet HTML 16Page - List of Unclassifed Manufacturers SN10 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 98 page
background image
ILEC SN10 User Manual
SN10 Flight Pages – Competition Mode
3.2 Status Page
The status page displays all navigation information,
final glide settings, and final glide status. This page
is used often during flight. If you create a custom
page, you will still use the status page for final glide
settings.
The picture at right is what you might see enroute to
Erbendorf. The fields shown are:
Avg –5.3 – 20 second Total-Energy-Average (see the Selectable Average section
below for an explanation of how to select an alternate averager presentation).
Next Point (start, turn, or finish point) – In this illustration, your next point is
Erbendorf. If you are not using automatic start and turnpoint notification, you can place
the cursor on this field and press
ENTER to mark the point as achieved and move on to
the next task leg.
Out, Left/Right – Distance to the next point, and distance left or right of the course-line.
Bearing 118 – Erbendorf is compass bearing 118 degrees from your current location.
The arrow shows you need to turn left in order to track directly towards Erbendorf. The
arrow grows and shrinks depending on how much you need to turn.
Q 29.92 altimeter setting, inches of mercury.
131° at 81 – Your current GPS ground track is 131° at 81 knots.
STI 34:45 – Your start-time-interval timer has counted down to 34 minutes 45 seconds.
See the Timer Page for more information on the STI function.
MC 2.0 – MacCready setting of 2.0 knots.
Water 40 – 40 gallons of water on board.
Bugs 0% - The percent degradation of your max L/D is 0% (no bugs or rain).
Wind 270 at 5 – You have entered a wind strength of 5 knots from 270° true (not
magnetic). Please note wind speed and direction is not set automatically; you must
make a judgment about the wind you expect to encounter on final glide. You can simply
copy the measured wind from the wind page to this final glide wind by placing the cursor
on the measured wind at the top of the wind page and pressing
ENTER (see the wind
page section below for more details).
QNH 29.92, Alt 2812 – Current altimeter setting and altitude. Just like your mechanical
altimeter, changing either QNH or altitude changes the other automatically.
Software Version 2.31
Manual Revised 13-Dec-2005
Page 6 of 91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com