Electronic Components Datasheet Search
  English  ▼

X  

SN10 Datasheet(PDF) 69 Page - List of Unclassifed Manufacturers

Part # SN10
Description  The superb ILEC Variometer and Audio
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SN10 Datasheet(HTML) 69 Page - List of Unclassifed Manufacturers

Back Button SN10 Datasheet HTML 65Page - List of Unclassifed Manufacturers SN10 Datasheet HTML 66Page - List of Unclassifed Manufacturers SN10 Datasheet HTML 67Page - List of Unclassifed Manufacturers SN10 Datasheet HTML 68Page - List of Unclassifed Manufacturers SN10 Datasheet HTML 69Page - List of Unclassifed Manufacturers SN10 Datasheet HTML 70Page - List of Unclassifed Manufacturers SN10 Datasheet HTML 71Page - List of Unclassifed Manufacturers SN10 Datasheet HTML 72Page - List of Unclassifed Manufacturers SN10 Datasheet HTML 73Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 98 page
background image
ILEC SN10 User Manual
SN10 Installation
9 SN10 Installation
The performance of the SN10 depends on a high-q
system installed and checked by a qualified mecha
suggested below are followed carefully.
9.1 Installation Preparation
Before installa
uality installation. Please have this
nic, and ensure the guidelines
tion, plan the installation carefully by reviewing the following points:
A separate 1 Amp fuse for the SN10 is required;
i
e a
second separate fuse for the GP
Is an external cruise/climb sw
ilots like the automatic ‘G’
sensing cruise/climb switching, but many prefer a switch on the flaps, the trim (non-
flapped gliders), or the stick. Ensure the appropriate switches and wiring (shielded
cable) are ready to install, and that the planned wiring routing cannot interfere with
motion of flight controls.
Mechanical fit OK ? Before cutting any holes, is there adequate space for the
rence between the instruments and the
internal supporting structure for tilt-panels).
cal and pneumatic
87mm) than wide (83mm), and you
N10 instrument case screws.
ost sailplanes this is not necessary,
ment panel or very loud sailplanes, it
ifficult to hear the speaker inside the instrument. We also recommend an
Is a fuse installed in the panel ?
normally pilots prefer this to be nstalled in the panel where it is accessible. Us
S.
itch desired ? Some p
instrument and meters ? Check for interfe
instrument panel (sides, top, bottom, and
Make sure to allow space in back of the SN10 for electri
connections. Note the SN10 is fractionally taller (
will need some clearance to other instruments for the S
Will an external speaker be required ? For m
however for sailplanes with a well-sealed instru
may be d
external speaker be installed in the rear instrument panel for two-seat sailplanes. If
you will install an external speaker, see Installing an External Speaker below; mak
sure to disable the internal SN10 speaker prior to installation; and add the required
leads to either the main wiring harness or the two-seater cable prior to installation.
e
Temperature Probe access OK
where it can measure outside ai
still in a warm duct). Plan the ins
(especially so it cannot interfere
Motion OK for wiring ? Make
cannot interfere with flight contro
.
Leak-Check kit ready ? Make
e
(including couplers for testing pi
pneumatic connections.
? The temperature probe needs to be installed
r temperature (and not the temperature of air sitting
tallation of the probe, and the probe wiring routing
with a nose release).
sure there is a safe routing for the wiring, so it
ls, or be stressed during operation of the tilt-panel
sure a proper leak-check test kit is ready to us
tot, static, and TE) before changing any flight-critical
Software Version 2.31
Manual Revised 13-Dec-2005
Page 62 of 91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com