Electronic Components Datasheet Search
  English  ▼

X  

SN10 Datasheet(PDF) 86 Page - List of Unclassifed Manufacturers

Part # SN10
Description  The superb ILEC Variometer and Audio
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SN10 Datasheet(HTML) 86 Page - List of Unclassifed Manufacturers

Back Button SN10 Datasheet HTML 82Page - List of Unclassifed Manufacturers SN10 Datasheet HTML 83Page - List of Unclassifed Manufacturers SN10 Datasheet HTML 84Page - List of Unclassifed Manufacturers SN10 Datasheet HTML 85Page - List of Unclassifed Manufacturers SN10 Datasheet HTML 86Page - List of Unclassifed Manufacturers SN10 Datasheet HTML 87Page - List of Unclassifed Manufacturers SN10 Datasheet HTML 88Page - List of Unclassifed Manufacturers SN10 Datasheet HTML 89Page - List of Unclassifed Manufacturers SN10 Datasheet HTML 90Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 98 page
background image
ILEC SN10 User Manual
Appendix D: Wiring Information
PC/GPS and remote control (serial numbers xx0100 up)
with serial
and later. The P
tor is a 9-pin
CAUTION
nel
SN10s serial
rial xx0100 and later has gray cable housing.
Please note: Pin assignments and panel cable wiring are different for SN10s
numbers up to xx0099, and SN10s with later se
serial num
rial numbers. This section describes
C/GPS and remote control connec
bers xx0100
DB9 female, on the glider right side.
A Black Pa
numbers xx0100 and later.
cable will not work with
The panel cable for use with
an SN10 se
Serial num
(
ction)
Pin No.
Supplied Gray Panel Cable
External Lead Color
bers xx0100 and later only earlier serial numbers see previous se
Description
1
12 V switched for GPS (Volkslogger or Garmin
ax
ION
:
GPS-35 only), absolute m
100ma.
imum peak current
CAUT
Absolutely not for use with
rs. C
er-on current and will
*Red
Cambridge flight recorde
AI flight recorders
draw too much pow
damage the SN10.
2
TX out to PC / GPS
Yellow
3
RX in from PC
4
Relay switch input
inp
Ground to disable NMEA
ut.
5
GND
*Blue
6
5V power supply to remote control
7
B-Data; SN10 data bus
8
A-Data; SN10 data bus
9
RX in from GPS (NMEA GPS input)
Green
The ILEC-supplied Panel Cable should be connected to the PC/GPS connector on the
SN10. Wire your GPS’s NMEA output to green, your GPS’s NMEA input to Yellow, and
the GPS signal ground to Blue. If you are using a Garmin GPS-35 or a Volkslogger, you
can use the optional red-blue pair to power the GPS (the GPS will be switched on when
you turn on the SN10). For other GPS types, you must use a separate power source
(many types draw too much power on startup and will damage the SN10, especially
Cambridge flight recorders).
** Make sure the external GPS is grounded to glider battery or SN10 ground.
Software Version 2.31
Manual Revised 13-Dec-2005
Page 79 of 91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com