Electronic Components Datasheet Search
  English  ▼

X  

SN10 Datasheet(PDF) 34 Page - List of Unclassifed Manufacturers

Part # SN10
Description  The superb ILEC Variometer and Audio
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SN10 Datasheet(HTML) 34 Page - List of Unclassifed Manufacturers

Back Button SN10 Datasheet HTML 30Page - List of Unclassifed Manufacturers SN10 Datasheet HTML 31Page - List of Unclassifed Manufacturers SN10 Datasheet HTML 32Page - List of Unclassifed Manufacturers SN10 Datasheet HTML 33Page - List of Unclassifed Manufacturers SN10 Datasheet HTML 34Page - List of Unclassifed Manufacturers SN10 Datasheet HTML 35Page - List of Unclassifed Manufacturers SN10 Datasheet HTML 36Page - List of Unclassifed Manufacturers SN10 Datasheet HTML 37Page - List of Unclassifed Manufacturers SN10 Datasheet HTML 38Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 98 page
background image
ILEC SN10 User Manual
Configuring the SN10 (Setup Pages)
5.3 Units Setup
On the units page, set the units the SN10 will use
for all display and entry. The different units choices
and their uses are shown in the following table:
Units
Use
Choices
Height
Altitude, airport
elevations, final glide
surplus/deficit…
Meters or Feet. Note the extended help for
Altitude gives indicated altitude in both feet
and meters, to ease dealing with airspace
restrictions when using mixed units.
Distance
All distances
Kilometers, Nautical Miles (1.852km), Statute
Miles (1.609km).
Speed
All speeds except
average speed on task
(units for speed on task
are set on the Statistics
page)
Kilometers/hour (km/h), Miles/Hour (mph),
Knots (kts).
Climb
Variometers,
averagers…
Meters/Second (mps), Knots, hundreds of
feet/minute (100 fpm).
Temperature
OAT
Fahrenheit or Celsius.
Water
Capacity
Water ballast setting on
cruise page, glider polar
setup.
Gallons, Liters, lbs, or kg.
Latitude and
Longitude
Coordinate display and
entry (points, GPS),
either using seconds or
decimal fractions of
minutes.
Seconds degrees:minutes:seconds
1/10’s degrees:min.X tenths
1/100’s degrees:min.XX hundredths
1/1000s degrees:min.XXX thousandenths
Weight
Glider weight entry for
polar
lbs, or kg.
Pressure
Altimeter setting
“Hg, mb, or hPa (inches of mercury,
millibars, or hectopascals).
NOTE
The units for speed units set on this page do not change the units in which
average speed is displayed on the Statistics page (set on the Statistics page).
Software Version 2.31
Manual Revised 13-Dec-2005
Page 27 of 91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com