Electronic Components Datasheet Search
  English  ▼

X  

SN10 Datasheet(PDF) 85 Page - List of Unclassifed Manufacturers

Part # SN10
Description  The superb ILEC Variometer and Audio
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SN10 Datasheet(HTML) 85 Page - List of Unclassifed Manufacturers

Back Button SN10 Datasheet HTML 81Page - List of Unclassifed Manufacturers SN10 Datasheet HTML 82Page - List of Unclassifed Manufacturers SN10 Datasheet HTML 83Page - List of Unclassifed Manufacturers SN10 Datasheet HTML 84Page - List of Unclassifed Manufacturers SN10 Datasheet HTML 85Page - List of Unclassifed Manufacturers SN10 Datasheet HTML 86Page - List of Unclassifed Manufacturers SN10 Datasheet HTML 87Page - List of Unclassifed Manufacturers SN10 Datasheet HTML 88Page - List of Unclassifed Manufacturers SN10 Datasheet HTML 89Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 98 page
background image
ILEC SN10 User Manual
Appendix D: Wiring Information
PC/GPS and remote control (serial numbers to xx0099)
Please note: Pin assignments and panel cable wiring are different for SN10s with serial
numbers up to xx0099, and SN10s with later serial numbers. This section describes
serial numbers up to xx0099. The PC/GPS and remote control connector is a 9-pin DB9
female, on the glider right side.
CAUTION
A Gray Panel cable will not work with SN10s serial
numbers up to xxx0099. The panel cable for use with an
9 or lower has a black cable housing.
SN10 serial xxx009
Serial numbers up to xxx0099 only (later serial numbers see next section)
Pin No.
Description
Supplied Black Panel Cable
External Lead Color
1
12 V switched for GPS (Volkslogger or
Garmin GPS-35 only), absolute
maximum peak current 100ma.
CAUTION: Absolutely not for use
with Cambridge flight recorders. CAI
flight recorders draw too much power-
on current and will damage the SN10.
Red
2
TX out to PC / GPS
Yellow
3
RX in from PC / GPS
Green
4
Do NOT connect this Pin
5
GND
Blue
6
5V power supply to remote control
7
B-Data; SN10 data bus
8
A-Data; SN10 data bus
9
GND
The ILEC-supplied Panel Cable should be connected to the PC/GPS connector on the
SN10. Wire your GPS’s NMEA output to green, your GPS’s NMEA input to Yellow, and
using a Garmin GPS-35 or a Volkslogger, you
an use the red-blue pair to power the GPS (the GPS will be switched on when you turn
on the SN10). For other GPS types, you must use a separate power source (many
types draw too much power on startup and will damage the SN10, especially
Cambridge flight recorders).
the GPS signal ground to Blue. If you are
c
Software Version 2.31
Manual Revised 13-Dec-2005
Page 78 of 91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com