Electronic Components Datasheet Search
  English  ▼

X  

SN10 Datasheet(PDF) 52 Page - List of Unclassifed Manufacturers

Part # SN10
Description  The superb ILEC Variometer and Audio
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SN10 Datasheet(HTML) 52 Page - List of Unclassifed Manufacturers

Back Button SN10 Datasheet HTML 48Page - List of Unclassifed Manufacturers SN10 Datasheet HTML 49Page - List of Unclassifed Manufacturers SN10 Datasheet HTML 50Page - List of Unclassifed Manufacturers SN10 Datasheet HTML 51Page - List of Unclassifed Manufacturers SN10 Datasheet HTML 52Page - List of Unclassifed Manufacturers SN10 Datasheet HTML 53Page - List of Unclassifed Manufacturers SN10 Datasheet HTML 54Page - List of Unclassifed Manufacturers SN10 Datasheet HTML 55Page - List of Unclassifed Manufacturers SN10 Datasheet HTML 56Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 98 page
background image
ILEC SN10 User Manual
Using the SN10 with Your PC
6.4.3 Trouble-Shoot (If Required)
If you don’t get the PCLink Started message:
Verify no power saver options are enabled for the laptop serial port.
Verify no other program is trying to use the Windows serial port, for example the
Palm Pilot HotSync program, or a program you use to connect to a flight
recorder.
Verify no MS-DOS window is still active, other than the one for PC Link. Once a
program in an MS-DOS window has used the serial port, the serial port will be
unavailable to other windows until this window is closed.
Check you have used the correct ILEC PC cable, all connections are secure and
not loose, and there are no bent pins inside the cable connectors.
Verify the SN10 is set to GPS: NMEA on the SN10 Options 1 page.
With Windows 98 or ME, see Communication Problems with Microsoft Windows
98 & ME below.
With Windows NT or 2000, see Communication Problems with Microsoft
Windows NT and 2000 below.
Software Version 2.31
Manual Revised 13-Dec-2005
Page 45 of 91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com