| Electronic Components Datasheet Search |
|
SN10 Datasheet(PDF) 46 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
SN10 Datasheet(HTML) 46 Page - List of Unclassifed Manufacturers |
|
46 / 98 page ![]() ILEC SN10 User Manual Configuring the SN10 (Setup Pages) The SN10 also does not track time between starts. In some countries, the rules require a minimum interval between starts; in this case you must ensure you don’t start before the required interval has elapsed (to help with this, the most recent start time is displayed on the Timer page). A start event is written in the SN10 flight record when you confirm a start, for those countries where this is required. When you enter the finish cylinder after achieving all turnpoints, the SN10 will beep and confirm your finish, and finalize all statistics. 5.13.2 Start and Finish Lines When you select a start or finish line, you will see the line(s) drawn on the moving map. When you cross the start line in the correct direction, the SN10 will beep and ask you if you want to make a start (press ENTER if so, press HELP if not). The SN10 does not keep track of any height or speed restrictions; you must ensure you comply with any such rules. Elapsed time between starts is not monitored by the SN10. When you cross the finish line after achieving all turnpoints, the SN10 will beep and confirm your finish, and finalize all statistics. CAUTION It is possible to get a turnpoint confirmation from the SN10 even though your external IGC-certified “secure” flight recorder did not record a point in the sector or cylinder. Many pilots use the SN10 flight recorder as a backup, with an IGC-certified “secure” flight recorder as the primary flight recorder. If you use the separate recorder to provide GPS input to the SN10, please note: External loggers usually provide fixes to the SN10 every 2 seconds, but usually do not record every fix in their memory. Be sure to set your external logger to save fixes often enough so you do not fly through the turnpoint cylinder/sector, receive an ‘achieved turnpoint’ message from the SN10, and fly onwards – only to find out the external logger did not record the critical fix in its memory! USA Pilots: You can accidentally set the wrong turnpoint cylinder size. The units for the USA turnpoint cylinder radius will be displayed with the units you selected during setup, but USA rules specify the standard turnpoint cylinder to be .25 statute miles. If you set the distance units to something other than statute miles, take special care to set the cylinder size appropriately (.25sm = .22nm = .40km). Confirm the units with HELP. Software Version 2.31 Manual Revised 13-Dec-2005 Page 39 of 91 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |