| Electronic Components Datasheet Search |
|
SN10 Datasheet(PDF) 70 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
SN10 Datasheet(HTML) 70 Page - List of Unclassifed Manufacturers |
|
70 / 98 page ![]() ILEC SN10 User Manual SN10 Installation Motor-Run Switch Input Needed ? If this is a motor-glider installation and you wish to signal the motor on/off events in the SN10 flight record, provide a switch closure for motor-on. Add leads to the main wiring harness prior to any installation (see Wiring Diagrams below). Will a Remote Control be used ? The remote control is recommended for gliders here it is not easy to reach the panel, but it is not necessary right seating like the Duo Discus. If you will use the remote le will be located where it is ht. panel cable will be used to connect remote control for use during ht. Plan a suitable location where a square cutout for the square end of the panel ). with reclined seating w for gliders with more up control, make sure it can either be left plugged in to the connector on the left side of the SN10, or alternatively, ensure the panel cab convenient to plug in the remote for use during flig Where will the Panel Cable be installed ? The a PC for loading a new database into the SN10, or for retrieving flight records from the SN10 to a PC. It can also be used to connect a flig connector can be made, with space for the two mounting ears. Do not try to make a cut-out just for the DB9 portion of the connector, as this will usually result in the PC cable not seating completely (this has caused problems in a number of installations GPS installation and wiring planned ? The SN10 is connected to a (single) GPS or flight recorder with NMEA output. Make sure to prepare the wiring (GPS to Panel Cable) before any installation (see Wiring Diagrams below). 9.2 Installing the SN10 Main Unit covers with the edge of a knife blade or sim r Rem v screws from the bottom two holes. u twist against the stops of Remove the knobs (pop off the colored knob ila , then, slightly loosen but do not entirely remove the knob fastening screws). o e the SN10 mounting screws from the top two holes, and the hollow mounting Insert the SN10 into the panel. CAUTION When removing and tightening the on/off/volume knob, hold the knob with pliers in the half-volume position. You will break the switch if yo the switch when you loosen or tighten the knob’s set- screw. En e mount trument and can crack the faceplate or glass. If you have limited working space in the panel, you may want to remove the SN10 and ensure all electrical connections are completed, prior to mounting the instrument in the panel. sur the instrument panel is flat where the SN10 contacts the panel. Tightening the ing screws against an irregular surface applies great torque to the ins Software Version 2.31 Manual Revised 13-Dec-2005 Page 63 of 91 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |