Electronic Components Datasheet Search
  English  ▼

X  

SN10 Datasheet(PDF) 32 Page - List of Unclassifed Manufacturers

Part # SN10
Description  The superb ILEC Variometer and Audio
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SN10 Datasheet(HTML) 32 Page - List of Unclassifed Manufacturers

Back Button SN10 Datasheet HTML 28Page - List of Unclassifed Manufacturers SN10 Datasheet HTML 29Page - List of Unclassifed Manufacturers SN10 Datasheet HTML 30Page - List of Unclassifed Manufacturers SN10 Datasheet HTML 31Page - List of Unclassifed Manufacturers SN10 Datasheet HTML 32Page - List of Unclassifed Manufacturers SN10 Datasheet HTML 33Page - List of Unclassifed Manufacturers SN10 Datasheet HTML 34Page - List of Unclassifed Manufacturers SN10 Datasheet HTML 35Page - List of Unclassifed Manufacturers SN10 Datasheet HTML 36Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 98 page
background image
ILEC SN10 User Manual
Configuring the SN10 (Setup Pages)
5.2 Variometer Setup
On the variometer page, you control what kind of
vario presentation the SN10 will show on the analog
vario meters, and also what digital averages will be
given on the status and other SN10 pages. Choose
separately what you want to see in cruise and in
climb.
5.2.1 Variometer Choices
The V1 settings control the primary (number one) meter attached to your SN10. Set the
vario indication you wish to see on V1 in climb (normally total energy), and below this
what you wish to see during cruise. The V2 settings control the optional second meter.
Variometer
Full Description and Function
Total
Energy
The climb rate as indicated from your total energy probe.
You should normally set your primary meter to Total Energy for climb.
Relative
For use in cruise only, estimates the climb rate you would achieve if you
were to stop and circle at this instant. Many pilots like this, as it eases
decisions about when to stop and thermal.
Netto
Netto estimates the airmass movement, regardless of the sailplane
speed. Extremely useful in cruise, as you can see what the air you are
flying through is really doing. It answers questions like “Am I flying in a lift
street ?” or “Where is this wave ?”. Not appropriate for use in climb
(except perhaps in wave).
S To Fly
Speed To Fly (STF). For use in cruise only, indicates whether you are
flying at the correct speed. Note the audio also gives STF information.
20 Sec Avg
20 second TE averager value. Appropriate for use on second meter in
climb.
20SecNetto
20 second average of Netto. Useful only as an airmass indication when
cruising. Can be useful to see whether the ridge is really working.
ThermalAvg Not recommended for meter display (thermal average).
20MinClimb
Not recommended (average of last 20 minutes of climb).
PerfIndex
Not recommended for meter display (performance index as below, 100%
displays 0 on the meter, 200% deflects the meter full up, 0% deflects the
meter full down).
FInalGlide
Not recommended (above or below final glide, 200 meters gives full
meter deflection).
Software Version 2.31
Manual Revised 13-Dec-2005
Page 25 of 91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com