Electronic Components Datasheet Search
  English  ▼

X  

AT90PWM2 Datasheet(PDF) 137 Page - ATMEL Corporation

Part # AT90PWM2
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  365 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM2 Datasheet(HTML) 137 Page - ATMEL Corporation

Back Button AT90PWM2 Datasheet HTML 133Page - ATMEL Corporation AT90PWM2 Datasheet HTML 134Page - ATMEL Corporation AT90PWM2 Datasheet HTML 135Page - ATMEL Corporation AT90PWM2 Datasheet HTML 136Page - ATMEL Corporation AT90PWM2 Datasheet HTML 137Page - ATMEL Corporation AT90PWM2 Datasheet HTML 138Page - ATMEL Corporation AT90PWM2 Datasheet HTML 139Page - ATMEL Corporation AT90PWM2 Datasheet HTML 140Page - ATMEL Corporation AT90PWM2 Datasheet HTML 141Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 365 page
background image
137
AT90PWM2/3
4317A-3–AVR–02/05
Functional Description
Waveform Cycles
The waveform generated by PSC can be described as a sequence of two waveforms.
The first waveform is relative to PSCOUTn0 output and part A of PSC. The part of this
waveform is sub-cycle A in the following figure.
The second waveform is relative to PSCOUTn1 output and part B of PSC. The part of
this waveform is sub-cycle B in the following figure.
The complete waveform is ended with the end of sub-cycle B. It means at the end of
waveform B.
Figure 58. Cycle Presentation in 1, 2 & 4 Ramp Mode
Figure 59. Cycle Presentation in Centered Mode
Ramps illustrate the output of the PSC counter included in the waveform generators.
Centered Mode is like a one ramp mode which count down up and down.
Notice that the update of a new set of values is done regardless of ramp Mode at the top
of the last ramp.
4 Ramp Mode
2 Ramp Mode
1 Ramp Mode
Sub-Cycle A
Sub-Cycle B
PSC Cycle
UPDATE
Ramp A0
Ramp A1
Ramp B0
Ramp B1
Ramp A
Ramp B
PSC Cycle
UPDATE
Centered Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com