Electronic Components Datasheet Search
  English  ▼

X  

AT90PWM2 Datasheet(PDF) 139 Page - ATMEL Corporation

Part # AT90PWM2
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  365 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM2 Datasheet(HTML) 139 Page - ATMEL Corporation

Back Button AT90PWM2 Datasheet HTML 135Page - ATMEL Corporation AT90PWM2 Datasheet HTML 136Page - ATMEL Corporation AT90PWM2 Datasheet HTML 137Page - ATMEL Corporation AT90PWM2 Datasheet HTML 138Page - ATMEL Corporation AT90PWM2 Datasheet HTML 139Page - ATMEL Corporation AT90PWM2 Datasheet HTML 140Page - ATMEL Corporation AT90PWM2 Datasheet HTML 141Page - ATMEL Corporation AT90PWM2 Datasheet HTML 142Page - ATMEL Corporation AT90PWM2 Datasheet HTML 143Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 365 page
background image
139
AT90PWM2/3
4317A-3–AVR–02/05
Two Ramp Mode
In Two Ramp mode, the whole cycle is divided in two moments
One moment for PSCn0 description with OT0 which gives the time of the whole moment
One moment for PSCn1 description with OT1 which gives the time of the whole moment
Figure 61. PSCn0 & PSCn1 Basic Waveforms in Two Ramp mode
PSCOUTn0 and PSCOUTn1 signals are defined by On-Time 0, Dead-Time 0, On-Time
1 and Dead-Time 1 values with :
On-Time 0 = (OCRnRAH/L - OCRnSAH/L) * 1/Fclkpsc
On-Time 1 = (OCRnRBH/L - OCRnSBH/L) * 1/Fclkpsc
Dead-Time 0 = (OCRnSAH/L + 1) * 1/Fclkpsc
Dead-Time 1 = (OCRnSBH/L + 1) * 1/Fclkpsc
Note:
Minimal value for Dead-Time 0 and Dead-Time 1 = 1/Fclkpsc
On-Time 0
On-Time 1
PSCOUTn0
PSCOUTn1
Dead-Time 1
Dead-Time 0
PSC Cycle
OCRnRB
OCRnSB
OCRnRA
OCRnSA
PSC Counter
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com