Electronic Components Datasheet Search
  English  ▼

X  

AT90PWM2 Datasheet(PDF) 172 Page - ATMEL Corporation

Part # AT90PWM2
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  365 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM2 Datasheet(HTML) 172 Page - ATMEL Corporation

Back Button AT90PWM2 Datasheet HTML 168Page - ATMEL Corporation AT90PWM2 Datasheet HTML 169Page - ATMEL Corporation AT90PWM2 Datasheet HTML 170Page - ATMEL Corporation AT90PWM2 Datasheet HTML 171Page - ATMEL Corporation AT90PWM2 Datasheet HTML 172Page - ATMEL Corporation AT90PWM2 Datasheet HTML 173Page - ATMEL Corporation AT90PWM2 Datasheet HTML 174Page - ATMEL Corporation AT90PWM2 Datasheet HTML 175Page - ATMEL Corporation AT90PWM2 Datasheet HTML 176Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 365 page
background image
172
AT90PWM2/3
4317A-3–AVR–02/05
• Bit 1 – PCLKSELn: PSC n Input Clock Select
This bit is used to select between CLKPF or CLKPS clocks.
Set this bit to select the fast clock input (CLKPF).
Clear this bit to select the slow clock input (CLKPS).
• Bit 0 – POME2: PSC 2 Output Matrix Enable (PSC2 only)
Set this bit to enable the Output Matrix feature on PSC2 outputs. See “PSC2 Outputs”
on page 163.
When Output Matrix is used, the PSC n Output Polarity POPn has no action on the
outputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com