Electronic Components Datasheet Search
  English  ▼

X  

AT90PWM2 Datasheet(PDF) 195 Page - ATMEL Corporation

Part # AT90PWM2
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  365 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM2 Datasheet(HTML) 195 Page - ATMEL Corporation

Back Button AT90PWM2 Datasheet HTML 191Page - ATMEL Corporation AT90PWM2 Datasheet HTML 192Page - ATMEL Corporation AT90PWM2 Datasheet HTML 193Page - ATMEL Corporation AT90PWM2 Datasheet HTML 194Page - ATMEL Corporation AT90PWM2 Datasheet HTML 195Page - ATMEL Corporation AT90PWM2 Datasheet HTML 196Page - ATMEL Corporation AT90PWM2 Datasheet HTML 197Page - ATMEL Corporation AT90PWM2 Datasheet HTML 198Page - ATMEL Corporation AT90PWM2 Datasheet HTML 199Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 365 page
background image
195
AT90PWM2/3
4317B–AVR–02/05
Table 75 contains equations for calculating the baud rate (in bits per second) and for
calculating the UBRR value for each mode of operation using an internally generated
clock source.
Note:
1. The baud rate is defined to be the transfer rate in bit per second (bps)
BAUD Baud rate (in bits per second, bps).
fclk
io
System I/O Clock frequency.
UBRR Contents of the UBRRH and UBRRL Registers, (0-4095).
Some examples of UBRR values for some system clock frequencies are found in Table
83 (see page 217).
Double Speed Operation
(U2X)
The transfer rate can be doubled by setting the U2X bit in UCSRA. Setting this bit only
has effect for the asynchronous operation. Set this bit to zero when using synchronous
operation.
Setting this bit will reduce the divisor of the baud rate divider from 16 to 8, effectively
doubling the transfer rate for asynchronous communication. Note however that the
Receiver will in this case only use half the number of samples (reduced from 16 to 8) for
data sampling and clock recovery, and therefore a more accurate baud rate setting and
system clock are required when this mode is used. For the Transmitter, there are no
downsides.
External Clock
External clocking is used by the synchronous slave modes of operation. The description
in this section refers to Figure 99 for details.
External clock input from the XCK pin is sampled by a synchronization register to mini-
mize the chance of meta-stability. The output from the synchronization register must
then pass through an edge detector before it can be used by the Transmitter and
Receiver. This process introduces a two CPU clock period delay and therefore the max-
imum external XCK clock frequency is limited by the following equation:
Note that
fclk
io depends on the stability of the system clock source. It is therefore recom-
mended to add some margin to avoid possible loss of data due to frequency variations.
Table 75. Equations for Calculating Baud Rate Register Setting
Operating Mode
Equation for Calculating
Baud Rate
(1)
Equation for Calculating
UBRR Value
Asynchronous Normal
mode (U2X = 0)
Asynchronous Double
Speed mode (U2X = 1)
Synchronous Master
mode
BAUD
f
CLKio
16 UBRRn
1
+
()
------------------------------------------
=
UBRRn
f
CLKio
16BAUD
------------------------
1
–
=
BAUD
f
CLKio
8 UBRRn
1
+
()
---------------------------------------
=
UBRRn
f
CLKio
8BAUD
--------------------
1
–
=
BAUD
f
CLKio
2 UBRRn
1
+
()
---------------------------------------
=
UBRRn
f
CLKio
2BAUD
--------------------
1
–
=
f
XCKn
f
CLKio
4
----------------
<



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com