Electronic Components Datasheet Search
  English  ▼

X  

AT90PWM2 Datasheet(PDF) 268 Page - ATMEL Corporation

Part # AT90PWM2
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  365 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM2 Datasheet(HTML) 268 Page - ATMEL Corporation

Back Button AT90PWM2 Datasheet HTML 264Page - ATMEL Corporation AT90PWM2 Datasheet HTML 265Page - ATMEL Corporation AT90PWM2 Datasheet HTML 266Page - ATMEL Corporation AT90PWM2 Datasheet HTML 267Page - ATMEL Corporation AT90PWM2 Datasheet HTML 268Page - ATMEL Corporation AT90PWM2 Datasheet HTML 269Page - ATMEL Corporation AT90PWM2 Datasheet HTML 270Page - ATMEL Corporation AT90PWM2 Datasheet HTML 271Page - ATMEL Corporation AT90PWM2 Datasheet HTML 272Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 268 / 365 page
background image
268
AT90PWM2/3
4317B–AVR–02/05
Operation
The Digital to Analog Converter generates an analog signal proportional to the value of
the DAC registers value.
In order to have an accurate sampling frequency control, there is the possibility to
update the DAC input values through different trigger events.
Starting a Conversion
The DAC is configured thanks to the DACON register. As soon as the DAEN bit in
DACON register is set, the DAC converts the value present on the DACH and DACL
registers in accordance with the register DACON setting.
Alternatively, a conversion can be triggered automatically by various sources. Auto Trig-
gering is enabled by setting the DAC Auto Trigger Enable bit, DAATE in DACON. The
trigger source is selected by setting the DAC Trigger Select bits, DATS in DACON (See
description of the DATS bits for a list of the trigger sources). When a positive edge
occurs on the selected trigger signal, the DAC converts the value present on the DACH
and DACL registers in accordance with the register DACON setting. This provides a
method of starting conversions at fixed intervals. If the trigger signal is still set when the
conversion completes, a new conversion will not be started. If another positive edge
occurs on the trigger signal during conversion, the edge will be ignored. Note that an
interrupt flag will be set even if the specific interrupt is disabled or the Global Interrupt
Enable bit in SREG is cleared. A conversion can thus be triggered without causing an
interrupt. However, the interrupt flag must be cleared in order to trigger a new conver-
sion at the next interrupt event.
DAC Voltage Reference
The reference voltage for the ADC (V
REF) indicates the conversion range for the DAC.
V
REF can be selected as either AVCC, internal 2.56V reference, or external AREF pin.
AV
CC is connected to the DAC through a passive switch. The internal 2.56V reference is
generated from the internal bandgap reference (V
BG) through an internal amplifier. In
either case, the external AREF pin is directly connected to the DAC, and the reference
voltage can be made more immune to noise by connecting a capacitor between the
AREF pin and ground. V
REF can also be measured at the AREF pin with a high impedant
voltmeter. Note that V
REF is a high impedant source, and only a capacitive load should
be connected in a system.
If the user has a fixed voltage source connected to the AREF pin, the user may not use
the other reference voltage options in the application, as they will be shorted to the
external voltage. If no external voltage is applied to the AREF pin, the user may switch
between AV
CC and 2.56V as reference selection. The first DAC conversion result after
switching reference voltage source may be inaccurate, and the user is advised to dis-
card this result.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com