Electronic Components Datasheet Search
  English  ▼

X  

ADPD105 Datasheet(PDF) 32 Page - Analog Devices

Part # ADPD105
Description  Photometric Front Ends
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD105 Datasheet(HTML) 32 Page - Analog Devices

Back Button ADPD105 Datasheet HTML 28Page - Analog Devices ADPD105 Datasheet HTML 29Page - Analog Devices ADPD105 Datasheet HTML 30Page - Analog Devices ADPD105 Datasheet HTML 31Page - Analog Devices ADPD105 Datasheet HTML 32Page - Analog Devices ADPD105 Datasheet HTML 33Page - Analog Devices ADPD105 Datasheet HTML 34Page - Analog Devices ADPD105 Datasheet HTML 35Page - Analog Devices ADPD105 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 66 page
background image
ADPD105/ADPD106/ADPD107
Data Sheet
Rev. A | Page 32 of 66
In this example, the LED pulse width, tLED_PULSE, is 3 μs, and the
LED pulse period, tLED_PERIOD, is 19 μs. The LED being driven is a
pair of green LEDs driven to a 250 mA peak. The goal of CVLED
is to buffer the LED between individual pulses. In the worst case
scenario, where the pulse train shown in Figure 39 is a continuous
sequence of short pulses, the VLEDx supply must supply the
average current. Therefore, calculate ILED_AVERAGE as follows:
ILED_AVERAGE = (tLED_PULSE/tLED_PERIOD) × ILED_MAX
(1)
where:
ILED_AVERAGE is the average current needed from the VLEDx supply
during the pulse period, and it is also the VLEDx supply current
rating.
ILED_MAX is the peak current setting of the LED.
For the numbers shown in Equation 1, ILED_AVERAGE = 3/19 ×
ILED_MAX. For typical LED timing, the average VLEDx supply
current is 3/19 × 250 mA = 39.4 mA, indicating that the VLEDx
supply must support a dc current of 40 mA.
DETERMINING CVLED
To determine the CVLED capacitor value, determine the maximum
forward-biased voltage, VFB_LED_MAX, of the LED in operation.
The LED current, ILED_MAX, converts to VFB_LED_MAX as shown in
Figure 40. In this example, 250 mA of current through two green
LEDs in parallel yields VFB_LED_MAX = 3.95 V. Any series resistance
in the LED path must also be included in this voltage. When
designing the LED path, keep in mind that small resistances can
add up to large voltage drops due to the LED peak current being
very large. In addition, these resistances can be unnecessary
constraints on the VLEDx supply.
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0
50
100
150
200
250
LED DRIVER CURRENT SETTING (mA)
TWO 528nm LEDs
ONE 850nm LED
Figure 40. Example of the Average LED Forward-Bias Voltage Drop as a
Function of the Driver Current
To correctly size the CVLED capacitor, do not deplete it during the
pulse of the LED to the point where the voltage on the capacitor is
less than the forward bias on the LED. To calculate the minimum
value for the VLEDx bypass capacitor, use the following equation:
)
2
.
0
(
_
_
_
_
MAX
LED
FB
MIN
LED
MAX
LED
LED_PULSE
VLED
V
V
I
t
C
(2)
where:
tLED_PULSE is the LED pulse width.
ILED_MAX is the maximum forward-biased current on the LED
used in operating the device.
VLED_MIN is the lowest voltage from the VLEDx supply with no load.
VFB_LED_MAX is the maximum forward-biased voltage required on
the LED to achieve ILED_MAX.
The numerator of the CVLED equation sets up the total discharge
amount in coulombs from the bypass capacitor to satisfy a
single programmed LED pulse of the maximum current. The
denominator represents the difference between the lowest voltage
from the VLEDx supply and the LED required voltage. The LED
required voltage is the voltage of the anode of the LED such that
the 0.2 V compliance of the LED driver and the forward-biased
voltage of the LED operating at the maximum current is satisfied.
For a typical ADPD105/ADPD106/ADPD107 example, assume
that the lowest value for the VLEDx supply is 4.4 V, and that the
peak current is 250 mA for two 528 nm LEDs in parallel. The
minimum value for CVLED is then equal to 3 μF.
CVLED = (3 × 10−6 × 0.250)/(4.4 – (3.95 + 0.2)) = 3 μF
(3)
As shown in the Equation 3, as the minimum supply voltage drops
close to the maximum anode voltage, the demands on CVLED
become more stringent, forcing the capacitor value higher. It is
important to insert the correct values into Equation 2, Equation 2,
and Equation 3. For example, using an average value for VLED_MIN
instead of the worst case value for VLED_MIN can cause a serious
design deficiency, resulting in a CVLED value that is too small and
that causes insufficient optical power in the application. Therefore,
adding a sufficient margin on CVLED is strongly recommended. Add
additional margin to CVLED to account for derating of the capacitor
value over voltage, bias, temperature, and other factors over the life
of the component.
LED INDUCTANCE CONSIDERATIONS
The LED drivers (LEDXx) on the ADPD105/ADPD106/ADPD107
have configurable slew rate settings (Register 0x22, Bits[6:4],
Register 0x23, Bits[6:4], and Register 0x24, Bits[6:4]). These slew
rates are defined in Table 3. Even at the lowest setting, careful
consideration must be taken in board design and layout. If a large
series inductor, such as a long PCB trace, is placed between the
LED cathode and one of the LEDXx pins, voltage spikes from
the switched inductor can cause violations of absolute maximum
and minimum voltages on the LEDXx pins during the slew
portion of the LED pulse.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com