Electronic Components Datasheet Search
  English  ▼

X  

ADPD105 Datasheet(PDF) 17 Page - Analog Devices

Part # ADPD105
Description  Photometric Front Ends
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD105 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADPD105 Datasheet HTML 13Page - Analog Devices ADPD105 Datasheet HTML 14Page - Analog Devices ADPD105 Datasheet HTML 15Page - Analog Devices ADPD105 Datasheet HTML 16Page - Analog Devices ADPD105 Datasheet HTML 17Page - Analog Devices ADPD105 Datasheet HTML 18Page - Analog Devices ADPD105 Datasheet HTML 19Page - Analog Devices ADPD105 Datasheet HTML 20Page - Analog Devices ADPD105 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 66 page
background image
Data Sheet
ADPD105/ADPD106/ADPD107
Rev. A | Page 17 of 66
TYPICAL PERFORMANCE CHARACTERISTICS
0
10
32
33
34
35
36
37
38
39
40
41
20
30
40
50
60
70
FREQUENCY (Hz)
Figure 10. 32 kHz Clock Frequency Distribution
(Default Settings, Before User Calibration: Register 0x4B = 0x2612)
0
10
20
30
40
50
60
32.0
32.5
33.0
33.5
34.0
34.5
35.0
35.5
36.0
FREQUENCY (Hz)
Figure 11. 32 MHz Clock Frequency Distribution
(Default Settings, Before User Calibration: Register 0x4D = 0x0098)
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
20
40
60
80
100
120
140
160
PHOTODIODE CAPACITANCE (pF)
25k
50k
NRMS = 0.24 × √CPD + 0.81
NRMS = 0.11 × √CPD + 0.97
NRMS = 0.04 × √CPD + 1.13
NRMS = 0.02 × √CPD + 1.16
100k
200k
Figure 12. RMS Noise vs. Photodiode Capacitance
0
0.5
1.0
1.5
2.0
2.5
3.0
123
4
NUMBER OF CHANNELS
NOISE vs.
NUMBER OF CHANNELS
SQUARE ROOT
OF CHANNEL COUNT
Figure 13. Noise Multiple of Channel Sum vs. Number of Channels
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
50
100
150
200
TIAGAIN(kΩ)
Figure 14. Referred to Input (RTI) Noise vs. TIA Gain
0
50
100
150
200
250
300
350
400
LED DRIVER VOLTAGE (V)
LED COARSE SETTING = 0x0
LED COARSE SETTING = 0xF
Figure 15. LED Driver Current vs. LED Driver Voltage at Various Coarse Settings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com