Electronic Components Datasheet Search
  English  ▼

X  

ADPD105 Datasheet(PDF) 19 Page - Analog Devices

Part # ADPD105
Description  Photometric Front Ends
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD105 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADPD105 Datasheet HTML 15Page - Analog Devices ADPD105 Datasheet HTML 16Page - Analog Devices ADPD105 Datasheet HTML 17Page - Analog Devices ADPD105 Datasheet HTML 18Page - Analog Devices ADPD105 Datasheet HTML 19Page - Analog Devices ADPD105 Datasheet HTML 20Page - Analog Devices ADPD105 Datasheet HTML 21Page - Analog Devices ADPD105 Datasheet HTML 22Page - Analog Devices ADPD105 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 66 page
background image
Data Sheet
ADPD105/ADPD106/ADPD107
Rev. A | Page 19 of 66
THEORY OF OPERATION
INTRODUCTION
The ADPD105/ADPD106/ADPD107 operate as a complete
optical transceiver stimulating up to three LEDs and measuring
the return signal on up to two separate current inputs. The core
consists of a photometric front end coupled with an ADC, digital
block, and three independent LED drivers. The core circuitry
stimulates the LEDs and measures the return in the analog block
through one to eight photodiode inputs, storing the results in
discrete data locations. The two inputs can be configured to drive
four simultaneous input channels. Data can be read directly by a
register, or through a FIFO. This highly integrated system includes
an analog signal processing block, digital signal processing block,
I2C communication interface on the ADPD105 or an SPI port on
the ADPD107, and programmable pulsed LED current sources.
The LED driver is a current sink and is agnostic to LED supply
voltage and LED type. The photodiode (PDx) inputs can
accommodate any photodiode with an input capacitance of less
than 100 pF. The ADPD105/ADPD106/ADPD107 are designed
to produce a high SNR for relatively low LED power while greatly
reducing the effect of ambient light on the measured signal.
DUAL TIME SLOT OPERATION
The ADPD105/ADPD106/ADPD107 operate in two independent
time slots, Time Slot A and Time Slot B, which are carried out
sequentially. The entire signal path from LED stimulation to data
capture and processing is executed during each time slot. Each
time slot has a separate datapath that uses independent settings
for the LED driver, AFE setup, and the resulting data. Time Slot A
and Time Slot B operate in sequence for every sampling period, as
shown in Figure 18.
The timing parameters are defined as follows:
tA (μs) = SLOTA_LED_OFFSET + nA × SLOTA_LED_PERIOD
where nA is the number of pulses for Time Slot A (Register 0x31,
Bits[15:8]).
tB (μs) = SLOTB_LED_OFFSET + nB × SLOTB_LED_PERIOD
where nB is the number of pulses for Time Slot B (Register 0x36,
Bits[15:8]).
Calculate the LED period using the following equation:
LED_PERIOD, minimum = 2 × AFE_WIDTH + 11
t1 and t2 are fixed and based on the computation time for each
slot. If a slot is not in use, these times do not add to the total
active time. Table 15 defines the values for these LED and
sampling time parameters.
ACTIVE
tA
t1
tB
t2
SLEEP
TIME SLOT A
TIME SLOT B
ACTIVE
1/fSAMPLE
nA PULSES
nB PULSES
Figure 18. Time Slot Timing Diagram
Table 15. LED Timing and Sample Timing Parameters
Parameter
Register
Bits
Test Conditions/Comments
Min
Typ
Max
Unit
SLOTA_LED_OFFSET1
0x30
[7:0]
Delay from power-up to LEDA rising edge
23
63
μs
SLOTB_LED_OFFSET1
0x35
[7:0]
Delay from power-up to LEDB rising edge
23
63
μs
SLOTA_LED_PERIOD2
0x31
[7:0]
Time between LED pulses in Time Slot A; SLOTx_AFE_WIDTH = 4 μs
19
63
μs
SLOTB_LED_PERIOD2
0x36
[7:0]
Time between LED pulses in Time Slot B; SLOTx_AFE_WIDTH = 4 μs
19
63
μs
t1
Compute time for Time Slot A
68
μs
t2
Compute time for Time Slot B
20
μs
tSLEEP
Sleep time between sample periods
222
μs
1 Setting the SLOTx_LED_OFFSET below the specified minimum value may cause failure of ambient light rejection for large photodiodes.
2 Setting the SLOTx_LED_PERIOD below the specified minimum value can cause invalid data captures.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com